Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC1306 Datasheet (PDF) - Semtech Corporation

USC1306 Datasheet PDF - Semtech Corporation
Part # USC1306
Download  USC1306 Download
File Size   58.87 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 400V, 5A, 50ns

USC1306 Datasheet (PDF)

Go To PDF Page Download Datasheet
USC1306 Datasheet PDF - Semtech Corporation

Part # USC1306
Download  USC1306 Click to download

File Size   58.87 Kbytes
Page   2 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 400V, 5A, 50ns

USC1306 Datasheet (HTML) - Semtech Corporation




Similar Part No. - USC1306

ManufacturerPart #DatasheetDescription
logo
Pama & Co Ltd.
USC1 PAMA-USC1 Datasheet
74Kb / 1P
PAMA 12/24V UNIVERSAL IN CAR CHARGER - USC1
logo
Semtech Corporation
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1105 SEMTECH-USC1105 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1106 SEMTECH-USC1106 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
QUAD 8 BIT DAC
More results


Similar Description - USC1306

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
3FF30 SEMTECH-3FF30 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
logo
Shenzhen Huazhimei Semi...
HM1488D HMSEMI-HM1488D Datasheet
1Mb / 12P
Synchronous rectifier step-down voltage regulator up to 5A
logo
First Silicon Co., Ltd
UF5A400D FS-UF5A400D Datasheet
255Kb / 2P
5A,400V ULTRA-FAST RECTIFIER
logo
Taiwan Semiconductor Co...
S5GBH TSC-S5GBH Datasheet
414Kb / 6P
5A, 400V - 1000V Surface Mount Rectifier
logo
Silicon Supplies
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
600V 15A 50ns Rectifier
Rev 1.0 27/12/22
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
logo
Renesas Technology Corp
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com