Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USC1306 Datasheet(PDF) 1 Page - Semtech Corporation

Part # USC1306
Description  RECTIFIER, up to 400V, 5A, 50ns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

USC1306 Datasheet(HTML) 1 Page - Semtech Corporation

  USC1306 Datasheet HTML 1Page - Semtech Corporation USC1306 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 400V, 5A, 50ns
USC1304
USC1305
USC1306
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - USC1306

ManufacturerPart #DatasheetDescription
logo
Pama & Co Ltd.
USC1 PAMA-USC1 Datasheet
74Kb / 1P
PAMA 12/24V UNIVERSAL IN CAR CHARGER - USC1
logo
Semtech Corporation
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1105 SEMTECH-USC1105 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1106 SEMTECH-USC1106 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
QUAD 8 BIT DAC
More results

Similar Description - USC1306

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
3FF30 SEMTECH-3FF30 Datasheet
125Kb / 4P
RECTIFIER, up to 600V, 3.4A, 50ns
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
logo
Shenzhen Huazhimei Semi...
HM1488D HMSEMI-HM1488D Datasheet
1Mb / 12P
Synchronous rectifier step-down voltage regulator up to 5A
logo
First Silicon Co., Ltd
UF5A400D FS-UF5A400D Datasheet
255Kb / 2P
5A,400V ULTRA-FAST RECTIFIER
logo
Taiwan Semiconductor Co...
S5GBH TSC-S5GBH Datasheet
414Kb / 6P
5A, 400V - 1000V Surface Mount Rectifier
logo
Silicon Supplies
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
600V 15A 50ns Rectifier
Rev 1.0 27/12/22
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
logo
Renesas Technology Corp
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com