Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C256F Datasheet (PDF) - STMicroelectronics

WS57C256F Datasheet PDF - STMicroelectronics
Part # WS57C256F
Download  WS57C256F Download
File Size   19.64 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY HIGH SPEED 32K x 8 CMOS EPROM

WS57C256F Datasheet (PDF)

Go To PDF Page Download Datasheet
WS57C256F Datasheet PDF - STMicroelectronics

Part # WS57C256F
Download  WS57C256F Click to download

File Size   19.64 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description MILITARY HIGH SPEED 32K x 8 CMOS EPROM

WS57C256F Datasheet (HTML) - STMicroelectronics


WS57C256F Product details

GENERAL DESCRIPTION
The WS57C256F is a High Performance 256K UV Erasable Electrically Programmable Read Only Memory. It is manufactured using an advanced CMOS process technology enabling it to operate at speeds as fast as 55 ns Access Time.
Two major features of the WS57C256F are its Low Power and High Speed. While operating in a TTL environment it consumes less than 120 mA while cycling at full speed. Additionally, the WS57C256F can be placed in a standby mode which drops operating current below 5 mA in a TTL environment and 500 µA in a CMOS environment.
The WS57C256F also has exceptional output drive capability. It can source 4 mA and sink 16 mA per output.
The WS57C256F is configured in the standard EPROM pinout which provides an easy upgrade path for systems which are currently using standard EPROMs.

KEY FEATURES
• Fast Access Time
   — 55 ns
• Low Power Consumption
• DESC SMD No. 5962-86063
• EPI Processing
   — Latch-up Immunity Up to 200 mA
• Standard EPROM Pinout




Similar Part No. - WS57C256F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35 STMICROELECTRONICS-WS57C256F-35 Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35C STMICROELECTRONICS-WS57C256F-35C Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35D STMICROELECTRONICS-WS57C256F-35D Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35J STMICROELECTRONICS-WS57C256F-35J Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
More results


Similar Description - WS57C256F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com