Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

57C43C-25 Datasheet (PDF) - STMicroelectronics

57C43C-25 Datasheet PDF - STMicroelectronics
Part # 57C43C-25
Download  57C43C-25 Download
File Size   53.81 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED 4K x 8 CMOS PROM/RPROM

57C43C-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
57C43C-25 Datasheet PDF - STMicroelectronics

Part # 57C43C-25
Download  57C43C-25 Click to download

File Size   53.81 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED 4K x 8 CMOS PROM/RPROM

57C43C-25 Datasheet (HTML) - STMicroelectronics


57C43C-25 Product details

GENERAL DESCRIPTION
The WS57C43C is a High Performance 32K UV Erasable Electrically Re-Programmable Read Only Memory (RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar PROM speeds while consuming only 25% of the power required by its Bipolar counterparts. A further advantage of the WS57C43C over Bipolar PROM devices is the fact that it utilizes a proven EPROM technology. This enables the entire memory array to be tested for switching characteristics and functionality after assembly. Unlike devices which cannot be erased, every WS5743C in a windowed package is 100% tested with worst case test patterns both before and after assembly.
The WS57C43C is configured in the standard Bipolar PROM pinout which provides an easy upgrade path for systems which are currently using Bipolar PROMs, or its predecessor, the WS57C43B.

KEY FEATURES
• Ultra-Fast Access Time
   — tACC = 35 ns
   — tCS = 20 ns
• Low Power Consumption
• Fast Programming
• DESC SMD No. 5962-906580
• Pin Compatible with 4K x 8 Bipolar PROMs
• Immune to Latch-UP
   — Up to 200 mA
• ESD Protection Exceeds 2000 V
• Available in 300 Mil DIP and CLLCC




Similar Part No. - 57C43C-25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
57C49C-25 STMICROELECTRONICS-57C49C-25 Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
57C49C-35 STMICROELECTRONICS-57C49C-35 Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
57C49C-45 STMICROELECTRONICS-57C49C-45 Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
57C49C-55 STMICROELECTRONICS-57C49C-55 Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
57C49C-70 STMICROELECTRONICS-57C49C-70 Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
More results


Similar Description - 57C43C-25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com