Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

57C49C-45 Datasheet (PDF) - STMicroelectronics

57C49C-45 Datasheet PDF - STMicroelectronics
Part # 57C49C-45
Download  57C49C-45 Download
File Size   52.46 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED 8K x 8 CMOS PROM/RPROM

57C49C-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
57C49C-45 Datasheet PDF - STMicroelectronics

Part # 57C49C-45
Download  57C49C-45 Click to download

File Size   52.46 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH SPEED 8K x 8 CMOS PROM/RPROM

57C49C-45 Datasheet (HTML) - STMicroelectronics


57C49C-45 Product details

GENERAL DESCRIPTION
The WS57C49C is a High Performance 64K UV Erasable Electrically Re-Programmable Read Only Memory (RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar PROM speeds while consuming only 25% of the power required by its Bipolar counterparts. A further advantage of the WS57C49C over Bipolar PROM devices is the fact that it utilizes a proven EPROM technology. This enables the entire memory array to be tested for switching characteristics and functionality after assembly. Unlike devices which cannot be erased, every WS57C49C in a windowed package is 100% tested with worst case test patterns both before and after assembly.
The WS57C49C is configured in the standard Bipolar PROM pinout which provides an easy upgrade path for systems which are currently using Bipolar PROMs, or its predecessor, the WS57C49B.

KEY FEATURES
• Ultra-Fast Access Time
   — tACC = 25 ns
   — tCS = 12 ns
• Low Power Consumption
• Fast Programming
• Pin Compatible with Bipolar PROMs
• Immune to Latch-UP
   — Up to 200 mA
• ESD Protection Exceeds 2000 V
• Available in 300 Mil DIP and PLDCC




Similar Part No. - 57C49C-45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
57C43C-25 STMICROELECTRONICS-57C43C-25 Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-35 STMICROELECTRONICS-57C43C-35 Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-45 STMICROELECTRONICS-57C43C-45 Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-55 STMICROELECTRONICS-57C43C-55 Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
57C43C-70 STMICROELECTRONICS-57C43C-70 Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
More results


Similar Description - 57C49C-45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C-1 STMICROELECTRONICS-WS57C191C-1 Datasheet
17Kb / 2P
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C STMICROELECTRONICS-WS57C43C Datasheet
53Kb / 7P
HIGH SPEED 4K x 8 CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57C71C STMICROELECTRONICS-WS57C71C Datasheet
54Kb / 7P
HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com