Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1395CS6-TR Datasheet (PDF) - Linear Technology

LT1395CS6-TR Datasheet PDF - Linear Technology
Part # LT1395CS6-TR
Download  LT1395CS6-TR Download
File Size   741.5 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Single/Dual/Quad 400MHz Current Feedback Amplifier

LT1395CS6-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1395CS6-TR Datasheet PDF - Linear Technology

Part # LT1395CS6-TR
Download  LT1395CS6-TR Click to download

File Size   741.5 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Single/Dual/Quad 400MHz Current Feedback Amplifier

LT1395CS6-TR Datasheet (HTML) - Linear Technology




Similar Part No. - LT1395CS6-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1395CS8 LINER-LT1395CS8 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
More results


Similar Description - LT1395CS6-TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
400MHz, 50mW Current-Feedback Op Amp
LM6104 NSC-LM6104 Datasheet
118Kb / 6P
Quad Gray Scale Current Feedback Amplifier
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Intersil Corporation
HA5025 INTERSIL-HA5025_03 Datasheet
336Kb / 15P
Quad, 125MHz Video Current Feedback Amplifier
May 2003
logo
Linear Technology
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com