Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1395CS6-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LT1395CS6-TR
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395CS6-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1395CS6-TR Datasheet HTML 4Page - Linear Technology LT1395CS6-TR Datasheet HTML 5Page - Linear Technology LT1395CS6-TR Datasheet HTML 6Page - Linear Technology LT1395CS6-TR Datasheet HTML 7Page - Linear Technology LT1395CS6-TR Datasheet HTML 8Page - Linear Technology LT1395CS6-TR Datasheet HTML 9Page - Linear Technology LT1395CS6-TR Datasheet HTML 10Page - Linear Technology LT1395CS6-TR Datasheet HTML 11Page - Linear Technology LT1395CS6-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1395/LT1396/LT1397
139567fc
Input Bias Currents
vs Temperature
Propagation Delay
Rise Time and Overshoot
Square Wave Response
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Input Offset Voltage
vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
2.5
25
1395/6/7 G19
1.0
0
–25
0
50
– 0.5
–1.0
3.0
2.0
1.5
0.5
75
100
125
VS = ± 5V
AMBIENT TEMPERATURE (
°C)
–50
6
9
IB
+
IB
–
15
25
75
1395/6/7 G20
3
0
–25
0
50
100
125
12
VS = ± 5V
Output Voltage Swing
vs Temperature
Positive Supply Current per
Amplifier vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
–5
–4
–2
–1
0
5
2
0
50
75
1395/6/7 G16
–3
3
4
1
–25
25
100
125
RL = 150Ω
RL = 100k
RL = 150Ω
RL = 100k
VS = ± 5V
AMBIENT TEMPERATURE (
°C)
–50
4.75
25
1395/6/7 G18
4.00
3.50
–25
0
50
3.25
3.00
5.00
4.50
4.25
3.75
75
100
125
EN = – 5V
EN = 0V,
ALL NON-DISABLE DEVICES
VS = ± 5V
LT1395CS6 Enable Pin Current
vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
–40
–30
–10
25
75
1395/6/7 G17
–50
–60
–25
0
50
100
125
–70
–80
–20
VS = ± 5V
EN = 0V
EN = –5V
TIME (10ns/DIV)
1395/6/7 G21
RL = 100Ω
RF = RG = 255Ω
f = 10MHz
OS = 10%
tr = 1.3ns
TIME (500ps/DIV)
AV = +2
RL = 100Ω
RF = RG = 255Ω
1395/6/7 G23
tPD = 2.5ns
TIME (500ps/DIV)
AV = +2
RL = 100Ω
RF = RG = 255Ω
1395/6/7 G22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com