Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1395CS6-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1395CS6-TR
Description  Single/Dual/Quad 400MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395CS6-TR Datasheet(HTML) 4 Page - Linear Technology

  LT1395CS6-TR Datasheet HTML 1Page - Linear Technology LT1395CS6-TR Datasheet HTML 2Page - Linear Technology LT1395CS6-TR Datasheet HTML 3Page - Linear Technology LT1395CS6-TR Datasheet HTML 4Page - Linear Technology LT1395CS6-TR Datasheet HTML 5Page - Linear Technology LT1395CS6-TR Datasheet HTML 6Page - Linear Technology LT1395CS6-TR Datasheet HTML 7Page - Linear Technology LT1395CS6-TR Datasheet HTML 8Page - Linear Technology LT1395CS6-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1395/LT1396/LT1397
139567fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1
±10
mV
●
±12
mV
∆VOS/∆T Input Offset Voltage Drift
●
15
µV/°C
IIN
+
Noninverting Input Current
10
±25
µA
●
±30
µA
IIN–
Inverting Input Current
10
±50
µA
●
±60
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω
4.5
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz
6
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz
25
pA/
√Hz
RIN
Input Resistance
VIN = ±3.5V
●
0.3
1
M
Ω
CIN
Input Capacitance
2.0
pF
VINH
Input Voltage Range, High
VS = ±5V
●
3.5
4.0
V
VS = 5V, 0V
4.0
V
VINL
Input Voltage Range, Low
VS = ±5V
●
– 4.0
– 3.5
V
VS = 5V, 0V
1.0
V
VOUTH
Output Voltage Swing, High
VS = ±5V
3.9
4.2
V
VS = ±5V
●
3.7
V
VS = 5V, 0V
4.2
V
VOUTL
Output Voltage Swing, Low
VS = ±5V
– 4.2
– 3.9
V
VS = ±5V
●
– 3.7
V
VS = 5V, 0V
0.8
V
VOUTH
Output Voltage Swing, High
VS = ±5V, RL = 150Ω
3.4
3.6
V
VS = ±5V, RL = 150Ω
●
3.2
V
VS = 5V, 0V; RL = 150Ω
3.6
V
VOUTL
Output Voltage Swing, Low
VS = ±5V, RL = 150Ω
– 3.6
– 3.4
V
VS = ±5V, RL = 150Ω
●
– 3.2
V
VS = 5V, 0V; RL = 150Ω
0.6
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
●
42
52
dB
–ICMRR
Inverting Input Current
VCM = ±3.5V
10
16
µA/V
Common Mode Rejection
VCM = ±3.5V
●
22
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5V
●
56
70
dB
+IPSRR
Noninverting Input Current
VS = ±2V to ±5V
1
2
µA/V
Power Supply Rejection
●
3
µA/V
–IPSRR
Inverting Input Current
VS = ±2V to ±5V
●
27
µA/V
Power Supply Rejection
AV
Large-Signal Voltage Gain
VOUT = ±2V, RL = 150Ω
50
65
dB
ROL
Transimpedance,
∆VOUT/∆IIN–
VOUT = ±2V, RL = 150Ω
40
100
k
Ω
IOUT
Maximum Output Current
RL = 0Ω
●
80
mA
IS
Supply Current per Amplifier
VOUT = 0V
●
4.6
6.5
mA
Disable Supply Current
EN Pin Voltage = 4.5V, RL = 150Ω
●
0.1
100
µA
(LT1395CS6 only)
IEN
Enable Pin Current
(LT1395CS6 only)
30
110
µA
●
200
µA
SR
Slew Rate (Note 7)
AV = – 1, RL = 150Ω
500
800
V/
µs
ELECTRICAL C
C
HARA TERISTICS
The
● denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±5V, EN = 0.5V, pulse tested, unless otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com