Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV506 Datasheet (PDF) - Supertex, Inc

HV506 Datasheet PDF - Supertex, Inc
Part # HV506
Download  HV506 Download
File Size   464.08 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 275V 40-Channel Row Driver with SCR Outputs

HV506 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV506 Datasheet PDF - Supertex, Inc

Part # HV506
Download  HV506 Click to download

File Size   464.08 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 275V 40-Channel Row Driver with SCR Outputs

HV506 Datasheet (HTML) - Supertex, Inc


HV506 Product details

General Description
The HV506 is a low-voltage serial to high-voltage parallel converter with push-pull outputs. It is especially suitable for use as a symmetric row driver in AC thin-film electroluminescent (ACTFEL) displays.

Features
❏ Processed with HVDI technology
❏ Symmetric row drive
❏ Output voltage up to 275V
❏ Source/Sink current 300mA (min.)
❏ Shift Register Speed 3MHz
❏ Pin-programmable shift direction (DIR)
❏ Hi-Rel processing available




Similar Part No. - HV506

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HV5005 HBH-HV5005 Datasheet
488Kb / 1P
9.9 - 10.8 GHz VCO in TO8
logo
GETAI ELECTRONICS DEVIC...
HV500F08 GETEDZ-HV500F08 Datasheet
80Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
HV500F08 GETEDZ-HV500F08 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F08 GETEDZ-HV500F08_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F08 GETEDZ-HV500F08_16 Datasheet
68Kb / 1P
500mA 8kV HIGH VOLTAGE DIODES
More results


Similar Description - HV506

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
40-Channel Symmetric Row Driver
logo
Holtek Semiconductor In...
HT1609L HOLTEK-HT1609L Datasheet
365Kb / 10P
2x 40 Channel LCD Driver
25th Aug 98
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
June 1999
logo
Hitachi Semiconductor
HD44100 HITACHI-HD44100 Datasheet
360Kb / 10P
LCD Driver with 40-Channel Outputs
HD66100F HITACHI-HD66100F Datasheet
111Kb / 17P
LCD Driver with 80-Channel Outputs
logo
Supertex, Inc
HV3527 SUTEX-HV3527 Datasheet
415Kb / 5P
275V, 64-Channel Serial to Parallel Converter with High Voltage Push-Pull Outputs
logo
Vishay Siliconix
40TTS12PBF VISHAY-40TTS12PBF Datasheet
118Kb / 7P
Phase Control SCR, 40 A
24-Apr-08
logo
Supertex, Inc
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
40-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
40-Channel Symmetric Row Driver
logo
TE Connectivity Ltd
SSRD TEC-SSRD Datasheet
216Kb / 2P
Inverse parallel SCR outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com