Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV833 Datasheet (PDF) - Supertex, Inc

HV833 Datasheet PDF - Supertex, Inc
Part # HV833
Download  HV833 Download
File Size   501.07 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV833 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV833 Datasheet PDF - Supertex, Inc

Part # HV833
Download  HV833 Click to download

File Size   501.07 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver

HV833 Datasheet (HTML) - Supertex, Inc


HV833 Product details

General Description
The Supertex HV833 is a high voltage driver designed for driving EL lamps of up to 35nF (10-12in2). The input supply voltage range is from 1.8V to 6.5V. The device uses a single inductor and a minimum number of passive components. The nominal regulated output voltage that is applied to the EL lamp is ±90V. The chip can be enabled/disabled by connecting the resistor on RSW-OSC to VDD/ground.

Features
❏ 1.8V to 6.5V operating supply voltage
❏ DC to AC conversion
❏ Separately adjustable lamp and converter frequency
❏ Output voltage regulation
❏ Enable/disable function
❏ Patented output timing for high efficiency
❏ <100nA shutdown current
❏ Split supply capability
❏ LCD backlighting

Applications
❏ Portable Transceivers
❏ Remote Control Units
❏ Calculators
❏ PDAs
❏ Global Positioning Systems (GPS)




Similar Part No. - HV833

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV833 SUTEX-HV833 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV833LG-G SUTEX-HV833LG-G Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
HV833MG SUTEX-HV833MG Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833MG-G SUTEX-HV833MG-G Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
More results


Similar Description - HV833

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
High Voltage EL Lamp Driver
HV826 SUTEX-HV826 Datasheet
334Kb / 6P
High Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
HIGH-VOLTAGE EL LAMP DRIVER
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV803 SUTEX-HV803 Datasheet
80Kb / 8P
High-Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
High-Voltage EL Lamp Driver
HV829A SUTEX-HV829A Datasheet
42Kb / 4P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
High Voltage EL Lamp Driver
HV833 SUTEX-HV833_13 Datasheet
1,009Kb / 8P
High Voltage EL Lamp Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com