Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9113P Datasheet (PDF) - Supertex, Inc

HV9113P Datasheet PDF - Supertex, Inc
Part # HV9113P
Download  HV9113P Download
File Size   324.59 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Current-Mode PWM Controller

HV9113P Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9113P Datasheet PDF - Supertex, Inc

Part # HV9113P
Download  HV9113P Click to download

File Size   324.59 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Current-Mode PWM Controller

HV9113P Datasheet (HTML) - Supertex, Inc


HV9113P Product details

General Description

The Supertex HV9110 through HV9113 are a series of BiCMOS/DMOS single-output, pulse width modulator ICs intended for use in high-speed high-efficiency switchmode power supplies. They provide all the functions necessary to implement a single-switch current-mode PWM, in any topology, with a minimum of external parts.

Because they utilize Supertex’s proprietary BiCMOS/DMOS technology, they require less than one tenth of the operating power of conventional bipolar PWM ICs, and can operate at more than twice their switching frequency. Dynamic range for regulation is also increased, to approximately 8 times that of similar bipolar parts. They start directly from any DC input voltages between 10 and 120VDC, requiring no external power resistor. The output stage is push-pull CMOS and thus requires no clamping diodes for protection, even when significant lead length exists between the output and the external MOSFET. The clock frequency is set with a single external resistor.



Features

❏ 10 to 120V input range

❏ Current-mode control

❏ High efficiency

❏ Up to 1.0MHz internal oscillator

❏ Internal start-up circuit

❏ Low internal noise



Applications

❏ DC/DC converters

❏ Distributed power systems

❏ ISDN equipment

❏ PBX systems

❏ Modems



 




Similar Part No. - HV9113P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9113 SUTEX-HV9113 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9113 MICROCHIP-HV9113 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9113NG-G SUTEX-HV9113NG-G Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9113NG-G MICROCHIP-HV9113NG-G Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
More results


Similar Description - HV9113P

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
High-Voltage Current-Mode PWM Controller
06/23/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com