Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9113 Datasheet (PDF) - Microchip Technology

HV9113 Datasheet PDF - Microchip Technology
Part # HV9113
Download  HV9113 Download
File Size   620.38 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Voltage Current-Mode PWM Controller

HV9113 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9113 Datasheet PDF - Microchip Technology

Part # HV9113
Download  HV9113 Click to download

File Size   620.38 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Voltage Current-Mode PWM Controller

HV9113 Datasheet (HTML) - Microchip Technology


HV9113 Product details

General Description

HV9110/HV9112/HV9113 are Switch-Mode Power Supply (SMPS) controllers suitable for the control of a variety of converter topologies, including the flyback converter and the forward converter.

The VDD regulator supports an input voltage as high as 80V or 120V.

HV9110/HV9112/HV9113 controllers include all essentials for a power converter design, such as a bandgap reference, an error amplifier, a ramp generator, a high speed PWM comparator, and a gate driver. A shutdown latch provides on/off control.

The HV9110 and HV9113 feature an input voltage range of 10V to 120V, and the HV9112 has an input voltage range of 9V to 80V. The HV9110 and HV9112 have a maximum duty of 49%, while the HV9113 has a maximum duty of 99%.



Features

• Input Voltage Range of VDD Regulator

   - HV9110: 10V to 120V

   - HV9112: 9V to 80V

   - HV9113: 10V to 120V

• Maximum Duty, Feedback Accuracy

   - HV9110: 49%, 1%

   - HV9112: 49%, 2%

   - HV9113: 99%, 1%

• Current Mode Control

• <1 mA Supply Current

• >1 MHz clock



Applications

• DC/DC Power Converters



 




Similar Part No. - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9113 SUTEX-HV9113 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113NG SUTEX-HV9113NG Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9113NG-G SUTEX-HV9113NG-G Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113P SUTEX-HV9113P Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
More results


Similar Description - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com