Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9113 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9113 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9113 Datasheet HTML 3Page - Microchip Technology HV9113 Datasheet HTML 4Page - Microchip Technology HV9113 Datasheet HTML 5Page - Microchip Technology HV9113 Datasheet HTML 6Page - Microchip Technology HV9113 Datasheet HTML 7Page - Microchip Technology HV9113 Datasheet HTML 8Page - Microchip Technology HV9113 Datasheet HTML 9Page - Microchip Technology HV9113 Datasheet HTML 10Page - Microchip Technology HV9113 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 7
HV9110/HV9112/HV9113
2.0
TYPICAL PERFORMANCE CURVES
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
1M
100k
10k
1k
100
10
1
100m
100
1k
10k
100k
1M
10M
Frequency (Hz)
Error Amplifier Output
Impedance (Z0).
0
-10
-20
-30
-40
-50
-60
-70
-80
Frequency (Hz)
10
100
1k
10k
100k
1M
FIGURE 2-2:
PSRR –Error Amplifier and
Reference.
Bias Resistance (Ω)
100k
1M
10M
100
10
1
V
DD = 12V
V
DD = 10V
FIGURE 2-3:
Bias Current vs. Bias
Resistance.
FIGURE 2-4:
10k
100k
1M
R
OSC (Ω)
1M
100k
10k
HV9113
HV9110, HV9112
Output Switching Frequency
vs. Oscillator Resistance.
80
70
60
50
40
30
20
10
0
-10
180
120
60
0
-60
-120
-180
Frequency (Hz)
100
1k
10k
100k
1M
FIGURE 2-5:
Error Amplifier Open-loop
Gain/Phase.
R
DISCHARGE (Ω)
100m
1
10
100
1k
10k
100k
1M
100
1k
10k
R
OSC = 100k
R
OSC = 10k
R
OSC = 1k
FIGURE 2-6:
RDISCHARGE vs. tOFF
(HV9113 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com