Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9113 Datasheet(PDF) 16 Page - Microchip Technology

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9113 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HV9113 Datasheet HTML 10Page - Microchip Technology HV9113 Datasheet HTML 11Page - Microchip Technology HV9113 Datasheet HTML 12Page - Microchip Technology HV9113 Datasheet HTML 13Page - Microchip Technology HV9113 Datasheet HTML 14Page - Microchip Technology HV9113 Datasheet HTML 15Page - Microchip Technology HV9113 Datasheet HTML 16Page - Microchip Technology HV9113 Datasheet HTML 17Page - Microchip Technology HV9113 Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
HV9110/HV9112/HV9113
DS20005505A-page 16
 2016 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
HV9110 = High-voltage Current-mode PWM
Controller, 10V to 120V Input Voltage Range,
49% Duty Cycle
HV9112 = High-voltage Current-mode PWM
Controller, 9V to 80V Input Voltage Range,
49% Duty Cycle
HV9113 =
High-voltage Current-mode PWM
Controller, 10V to 120V Input Voltage Range,
99% Duty Cycle
Package:
NG
= 14-lead SOIC
Environmental
G
= Lead (Pb)-free/RoHS-compliant Package
Media Type:
(blank) = 53/Tube for an NG package
Examples:
a) HV9110NG-G:
High-voltage Current-mode PWM
Controller 10V to 120V Input Volt-
age Range, 49% Duty Cycle,
14-lead SOIC Package, 53/Tube
b) HV9112NG-G:
High-voltage
Current-mode
PWM Controller, 9V to 80V Input
Voltage
Range,
49%
Duty
Cycle,14-lead SOIC Package,
53/Tube
c) HV9113NG-G: High-voltage Current-mode PWM
Controller, 10V to 120V Input Volt-
age Range, 99% Duty Cycle,
14-lead SOIC Package, 53/Tube
PART NO.
X
Device
X
Environmental
XX
Package
Options
Media
-
-
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com