Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9113 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV9113
Description  High-Voltage Current-Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9113 Datasheet(HTML) 1 Page - Microchip Technology

  HV9113 Datasheet HTML 1Page - Microchip Technology HV9113 Datasheet HTML 2Page - Microchip Technology HV9113 Datasheet HTML 3Page - Microchip Technology HV9113 Datasheet HTML 4Page - Microchip Technology HV9113 Datasheet HTML 5Page - Microchip Technology HV9113 Datasheet HTML 6Page - Microchip Technology HV9113 Datasheet HTML 7Page - Microchip Technology HV9113 Datasheet HTML 8Page - Microchip Technology HV9113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 1
Features
• Input Voltage Range of VDD Regulator
- HV9110: 10V to 120V
- HV9112: 9V to 80V
- HV9113: 10V to 120V
• Maximum Duty, Feedback Accuracy
- HV9110: 49%, 1%
- HV9112: 49%, 2%
- HV9113: 99%, 1%
• Current Mode Control
• <1 mA Supply Current
• >1 MHz clock
Applications
• DC/DC Power Converters
General Description
HV9110/HV9112/HV9113 are Switch-Mode Power
Supply (SMPS) controllers suitable for the control of a
variety of converter topologies, including the flyback
converter and the forward converter.
The VDD regulator supports an input voltage as high as
80V or 120V.
HV9110/HV9112/HV9113 controllers include all essen-
tials for a power converter design, such as a bandgap
reference, an error amplifier, a ramp generator, a high-
speed PWM comparator, and a gate driver. A shutdown
latch provides on/off control.
The HV9110 and HV9113 feature an input voltage
range of 10V to 120V, and the HV9112 has an input
voltage range of 9V to 80V. The HV9110 and HV9112
have a maximum duty of 49%, while the HV9113 has a
maximum duty of 99%.
Package Type
See Table 3-1 for pin information.
1
14
14-lead SOIC
HV9110/HV9112/HV9113
High-Voltage Current-Mode PWM Controller


Similar Part No. - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9113 SUTEX-HV9113 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113NG SUTEX-HV9113NG Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9113NG-G SUTEX-HV9113NG-G Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113P SUTEX-HV9113P Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9113

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
High-Voltage Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
High Voltage Current Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
High-Voltage, Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com