Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500A Datasheet (PDF) - TelCom Semiconductor, Inc

TC500A Datasheet PDF - TelCom Semiconductor, Inc
Part # TC500A
Download  TC500A Download
File Size   209.36 Kbytes
Page   17 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description PRECISION ANALOG FRONT ENDS

TC500A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC500A Datasheet PDF - TelCom Semiconductor, Inc

Part # TC500A
Download  TC500A Click to download

File Size   209.36 Kbytes
Page   17 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description PRECISION ANALOG FRONT ENDS

TC500A Datasheet (HTML) - TelCom Semiconductor, Inc


TC500A Product details

GENERAL DESCRIPTION
The TC500/500A/510/514 family are precision analog front ends that implement dual slope A/D converters having a maximum resolution of 17 bits plus sign. As a minimum, each device contains the integrator, zero crossing comparator and processor interface logic. The TC500 is the base (16 bit max) device and requires both positive and negative power supplies. The TC500A is identical to the TC500, except it has improved linearity allowing it to operate to a maximum resolution of 17 bits. The TC510 adds an on board negative power supply converter for single supply operation. The TC514 adds both a negative power supply converter and a 4 input differential analog multiplexer.

FEATURES
■ Precision (up to 17 Bits) A/D Converter "Front End"
■ 3-Pin Control Interface to Microprocessor
■ Flexible: User Can Trade-Off Conversion Speed for Resolution
■ Single Supply Operation (TC510/514)
■ 4 Input, Differential Analog MUX (TC514)
■ Automatic Input Voltage Polarity Detection
■ Low Power Dissipation ........... TC500/500A: 10mW
                                          TC510/514: 18mW
■ Wide Analog Input Range ....... ±4.2V (TC500A/510)
■ Directly Accepts Bipolar and Differential Input Signals




Similar Part No. - TC500A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500A MICROCHIP-TC500A Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
TC500A MICROCHIP-TC500A Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500A MICROCHIP-TC500A Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
TC500ACJE MICROCHIP-TC500ACJE Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500ACJE MICROCHIP-TC500ACJE Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
More results


Similar Description - TC500A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
Photometric Front Ends
1/2017-Rev. 0 to Rev. A
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
Photometric Front Ends
5/2020-Rev. B to Rev. C
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com