Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP137 Datasheet (PDF) - Inchange Semiconductor Company Limited

TIP137 Datasheet PDF - Inchange Semiconductor Company Limited
Part # TIP137
Download  TIP137 Download
File Size   105.86 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

TIP137 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP137 Datasheet PDF - Inchange Semiconductor Company Limited

Part # TIP137
Download  TIP137 Click to download

File Size   105.86 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlington Power Transistor

TIP137 Datasheet (HTML) - Inchange Semiconductor Company Limited


TIP137 Product details

DESCRIPTION
• High DC Current Gain- : hFE = 1000(Min)@ IC= -4A
• Collector-Emitter Sustaining Voltage- : VCEO(SUS) = -100V(Min)
• Low Collector-Emitter Saturation Voltage- : VCE(sat) = -2.0V(Max)@ IC= -4A
• Complement to Type TIP132

APPLICATIONS
• Designed for general-purpose amplifier and low-speed switching applications




Similar Part No. - TIP137

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP137 MOSPEC-TIP137 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP137 POINN-TIP137 Datasheet
144Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP137 STMICROELECTRONICS-TIP137 Datasheet
36Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Transys Electronics
TIP137 TRSYS-TIP137 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Wing Shing Computer Com...
TIP137 WINGS-TIP137 Datasheet
66Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results


Similar Description - TIP137

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com