Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP137 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TIP137
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TIP137 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TIP137 Datasheet HTML 1Page - Inchange Semiconductor Company Limited TIP137 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
TIP137
DESCRIPTION
·High DC Current Gain-
: hFE = 1000(Min)@ IC= -4A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -100V(Min)
·Low Collector-Emitter Saturation Voltage-
: VCE(sat) = -2.0V(Max)@ IC= -4A
·Complement to Type TIP132
APPLICATIONS
·Designed for general-purpose amplifier and low-speed
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-8
A
ICM
Collector Current-Peak
-12
A
IB
B
Base Current- Continuous
-0.3
A
Collector Power Dissipation
@TC=25℃
70
PC
Collector Power Dissipation
@Ta=25℃
2
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.785
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
63.5
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - TIP137

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP137 MOSPEC-TIP137 Datasheet
150Kb / 3P
POWER TRANSISTORS(8.0A,60-100V,70W)
logo
Power Innovations Ltd
TIP137 POINN-TIP137 Datasheet
144Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP137 STMICROELECTRONICS-TIP137 Datasheet
36Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Transys Electronics
TIP137 TRSYS-TIP137 Datasheet
719Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Wing Shing Computer Com...
TIP137 WINGS-TIP137 Datasheet
66Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

Similar Description - TIP137

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com