Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2583 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD2583 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD2583
Download  2SD2583 Download
File Size   56.81 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD2583 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2583 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD2583
Download  2SD2583 Click to download

File Size   56.81 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

2SD2583 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD2583 Product details

DESCRIPTION
• High Collector Current-IC= 5A
• Low Saturation Voltage -
   : VCE(sat)= 0.15V(Max)@ IC=1A, IB= 50mA
• High DC Current Gain-
   : hFE= 150~600@ IC= 1A

APPLICATIONS
• Designed for audio frequency amplifier and switching applications.




Similar Part No. - 2SD2583

ManufacturerPart #DatasheetDescription
logo
NEC
2SD2583 NEC-2SD2583 Datasheet
46Kb / 8P
AUDIO FREQUENCY AMPLIFIER, SWITCHING NOPN SILICON EPITAXIAL TRANSISTORS
logo
TRANSYS Electronics Lim...
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
Thinki Semiconductor Co...
2SD2583 THINKISEMI-2SD2583 Datasheet
304Kb / 5P
NPN Silicon Epitaxial Power Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD2583 WINNERJOIN-2SD2583 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SD2583 FOSHAN-2SD2583 Datasheet
827Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results


Similar Description - 2SD2583

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com