Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSHA440 Datasheet (PDF) - Vishay Siliconix

TSHA440 Datasheet PDF - Vishay Siliconix
Part # TSHA440
Download  TSHA440 Download
File Size   83.89 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package

TSHA440 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSHA440 Datasheet PDF - Vishay Siliconix

Part # TSHA440
Download  TSHA440 Click to download

File Size   83.89 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package

TSHA440 Datasheet (HTML) - Vishay Siliconix


TSHA440 Product details

Description
The TSHA44..series are high efficiency infrared emitting diodes in GaAlAs on GaAlAs technology, molded in a clear, untinted plastic package.
In comparison with the standard GaAs on GaAs technology these high intensity emitters feature about 50 % radiant power improvement.

Features
● Extra high radiant power
● High radiant intensity for long transmission distance
● Suitable for high pulse current operation
● Standard T–1(ø 3 mm) package for low space application
● Angle of half intensity ϕ = ± 20
● Peak wavelength λp = 875 nm
● High reliability
● Good spectral matching to Si photodetectors

Applications
    Infrared remote control and free air transmission systems with high power requirements in combination with PIN photodiodes or phototransistors.
    Because of the very low radiance absorption in glass at the wavelength of 875 nm, this emitter series is also suitable for systems with panes in the transmission range between emitter and detector.




Similar Part No. - TSHA440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA4400 VISHAY-TSHA4400 Datasheet
106Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
16-Sep-08
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
Infrared Emitting Diode, 875 nm, GaAlAs
15-Sep-14
TSHA4400 VISHAY-TSHA4400_08 Datasheet
106Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
16-Sep-08
More results


Similar Description - TSHA440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSUS4300 VISHAY-TSUS4300 Datasheet
80Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS4400 VISHAY-TSUS4400 Datasheet
81Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
20-May-99
logo
Unity Opto Technology
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com