Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUS520 Datasheet (PDF) - Vishay Siliconix

TSUS520 Datasheet PDF - Vishay Siliconix
Part # TSUS520
Download  TSUS520 Download
File Size   86.81 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package

TSUS520 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS520 Datasheet PDF - Vishay Siliconix

Part # TSUS520
Download  TSUS520 Click to download

File Size   86.81 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package

TSUS520 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - TSUS520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5200 VISHAY-TSUS5200 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS5200 VISHAY-TSUS5200 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
TSUS5200 VISHAY-TSUS5200 Datasheet
109Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
TSUS5200 VISHAY-TSUS5200 Datasheet
120Kb / 6P
Infrared Emitting Diode, 950 nm, GaAs
18-Jan-2021
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
29-Jun-09
More results


Similar Description - TSUS520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSUS4300 VISHAY-TSUS4300 Datasheet
80Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS4400 VISHAY-TSUS4400 Datasheet
81Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS540 VISHAY-TSUS540 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package
20-May-99
logo
Unity Opto Technology
MIE-546A2U UOT-MIE-546A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
logo
Vishay Siliconix
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm Package
20-May-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com