Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUS540 Datasheet (PDF) - Vishay Siliconix

TSUS540 Datasheet PDF - Vishay Siliconix
Part # TSUS540
Download  TSUS540 Download
File Size   86.66 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package

TSUS540 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS540 Datasheet PDF - Vishay Siliconix

Part # TSUS540
Download  TSUS540 Click to download

File Size   86.66 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diodes in 5 mm (T-13/4)Package

TSUS540 Datasheet (HTML) - Vishay Siliconix


TSUS540 Product details

Description
TSUS540. series are infrared emitting diodes in standard GaAs on GaAs technology, molded in a clear, blue–grey tinted plastic package. The devices are spectrally matched to silicon photodiodes and phototransistors.

Features
● Low cost emitter
● Low forward voltage
● High radiant power and radiant intensity
● Suitable for DC and high pulse current operation
● Standard T–1 (ø 5 mm) package
● Comfortable angle of half intensity ϕ = ± 22°
● Peak wavelength λp = 950 nm
● High reliability
● Good spectral matching to Si photodetectors

Applications
    Infrared remote control and free air transmission systems with low forward voltage and comfortable radiation angle requirements in combination with PIN photodiodes or phototransistors.




Similar Part No. - TSUS540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm Package
20-May-99
TSUS5400 VISHAY-TSUS5400 Datasheet
110Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS5400 VISHAY-TSUS5400 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Jun-09
TSUS5400 VISHAY-TSUS5400 Datasheet
112Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
25-Jun-09
TSUS5400 VISHAY-TSUS5400 Datasheet
111Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
24-Aug-11
More results


Similar Description - TSUS540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSAL6100 VISHAY-TSAL6100 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL6200 VISHAY-TSAL6200 Datasheet
82Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL6400 VISHAY-TSAL6400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7300 VISHAY-TSAL7300 Datasheet
83Kb / 6P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
20-May-99
TSHA520 VISHAY-TSHA520 Datasheet
89Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA620 VISHAY-TSHA620 Datasheet
87Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSHA650 VISHAY-TSHA650 Datasheet
88Kb / 6P
GaAlAs Infrared Emitting Diodes in ø 5 mm (T–13/4) Package
20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
20-May-99
TSUS5400 VISHAY-TSUS5400 Datasheet
122Kb / 6P
GaAs Infrared Emitting Diodes in 5 mm Package
20-May-99
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com