Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUS4400 Datasheet (PDF) - Vishay Siliconix

TSUS4400 Datasheet PDF - Vishay Siliconix
Part # TSUS4400
Download  TSUS4400 Download
File Size   81.32 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package

TSUS4400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUS4400 Datasheet PDF - Vishay Siliconix

Part # TSUS4400
Download  TSUS4400 Click to download

File Size   81.32 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package

TSUS4400 Datasheet (HTML) - Vishay Siliconix


TSUS4400 Product details

DESCRIPTION
TSUS4400 is an infrared, 950 nm emitting diode in GaAs technology molded in a blue tinted plastic package.

FEATURES
• Package type: leaded
• Package form: T-1
• Dimensions (in mm): ∅ 3
• Peak wavelength: λp = 950 nm
• High reliability
• Angle of half intensity: ϕ = ± 18°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Infrared remote control and free air transmission systems with low forward voltage and small package requirements
• Emitter in transmissive sensors
• Emitter in reflective sensors




Similar Part No. - TSUS4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400 Datasheet
108Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS4400 VISHAY-TSUS4400 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
01-Aug-14
TSUS4400 VISHAY-TSUS4400 Datasheet
113Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
19-Jan-2021
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
05-Sep-08
TSUS4400 VISHAY-TSUS4400_14 Datasheet
108Kb / 5P
Infrared Emitting Diode, 950 nm, GaAs
01-Aug-14
More results


Similar Description - TSUS4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY36N VISHAY-CQY36N Datasheet
120Kb / 6P
GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
08-Mar-05
TSHA440 VISHAY-TSHA440 Datasheet
83Kb / 5P
GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
20-May-99
TSUS4300 VISHAY-TSUS4300 Datasheet
80Kb / 5P
GaAs Infrared Emitting Diode in ø 3 mm (T–1) Package
20-May-99
TSUS520 VISHAY-TSUS520 Datasheet
86Kb / 6P
GaAs Infrared Emitting Diodes in ø 5 mm (T–1 3/4) Package
20-May-99
logo
Unity Opto Technology
MIE-384A4 UOT-MIE-384A4 Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-526A2U UOT-MIE-526A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536A2U UOT-MIE-536A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546A2U UOT-MIE-546A2U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-556A4U UOT-MIE-556A4U Datasheet
30Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824A4 UOT-MIE-824A4 Datasheet
31Kb / 2P
AlGaAs/GaAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com