Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D472A Datasheet (PDF) - Alpha & Omega Semiconductors

D472A Datasheet PDF - Alpha & Omega Semiconductors
Part # D472A
Download  D472A Download
File Size   158.59 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOSTM POWER Transistor

D472A Datasheet (PDF)

Go To PDF Page Download Datasheet
D472A Datasheet PDF - Alpha & Omega Semiconductors

Part # D472A
Download  D472A Click to download

File Size   158.59 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description N-Channel SDMOSTM POWER Transistor

D472A Datasheet (HTML) - Alpha & Omega Semiconductors


D472A Product details

General Description
• Latest Trench Power MOSFET technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing
• Isolated DC/DC Converters in Telecom and Industrial

 Product Summary
   VDS                                          30V
   ID(at VGS=10V)                       46A
   RDS(ON)        (at VGS=10V)   < 5mohm
   RDS(ON)        (at VGS= 4.5V) < 10mohm




Similar Part No. - D472A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
D472 AOSMD-D472 Datasheet
120Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Rohm
D472 ROHM-D472 Datasheet
1Mb / 14P
Bipolar Voltage Detector ICs
logo
Beijing Yaohuadechang E...
D4721-101 YHDC-D4721-101 Datasheet
595Kb / 1P
Driver Transformer
D4721-111 YHDC-D4721-111 Datasheet
596Kb / 1P
Driver Transformer
D4721-201 YHDC-D4721-201 Datasheet
592Kb / 1P
Driver Transformer
More results


Similar Description - D472A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD452A AOSMD-AOD452A Datasheet
289Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
N-Channel SDMOSTM POWER Transistor
AOD4144 AOSMD-AOD4144 Datasheet
161Kb / 7P
N-Channel SDMOSTM Power Transistor
AOT412 AOSMD-AOT412 Datasheet
315Kb / 7P
N-Channel SDMOSTM Power Transistor
logo
Infineon Technologies A...
IPP881N08NG INFINEON-IPP881N08NG Datasheet
226Kb / 6P
n-channel Power-Transistor
Rev. 2.1 2008-06-19
logo
Alpha & Omega Semicondu...
AOI452A AOSMD-AOI452A Datasheet
297Kb / 7P
N-Channel SDMOSTM Power Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com