Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSMF3700 Datasheet (PDF) - Vishay Siliconix

TSMF3700 Datasheet PDF - Vishay Siliconix
Part # TSMF3700
Download  TSMF3700 Download
File Size   126.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package

TSMF3700 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSMF3700 Datasheet PDF - Vishay Siliconix

Part # TSMF3700
Download  TSMF3700 Click to download

File Size   126.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package

TSMF3700 Datasheet (HTML) - Vishay Siliconix


TSMF3700 Product details

Description
TSMF3700 is a high speed infrared emitting diode in GaAlAs on GaAlAs double hetero (DH) technology in a miniature PL-CC-2 SMD package.
It has been designed to meet the increasing demand on optoelectronic devices for surface mounting.
The package consists of a lead frame which is surrounded with a white thermoplast. The reflector inside the package is filled up with clear epoxy.

Features
• SMT IRED with extra high radiant power
• Low forward voltage
• Compatible with automatic placement equipment
• EIA and ICE standard package
• Suitable for infrared, vapor phase and wavesolder process
• Available in 8 mm tape
• Suitable for pulse current operation
• Extra wide angle of half intensity ϕ = ± 60°
• Peak wavelength λp = 870 nm
• High reliability
• Lead-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

Applications
    Infrared source in tactile keyboards
    IR diode in low space applications
    High performance PCB mounted infrared sensors
    High power infrared emitter for miniature light barriers




Similar Part No. - TSMF3700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
21-Feb-07
TSMF3710-GS08 VISHAY-TSMF3710-GS08 Datasheet
129Kb / 8P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
21-Feb-07
TSMF3710-GS18 VISHAY-TSMF3710-GS18 Datasheet
129Kb / 8P
High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
21-Feb-07
More results


Similar Description - TSMF3700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
20-May-99
logo
Unity Opto Technology
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
06-Jun-03
logo
Opnext. Inc.
HE8404SG OPNEXT-HE8404SG Datasheet
186Kb / 6P
GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG Datasheet
187Kb / 6P
GaAlAs Infrared Emitting Diode
HE7601SG OPNEXT-HE7601SG_06 Datasheet
90Kb / 4P
GaAlAs Infrared Emitting Diode
HE8404SG OPNEXT-HE8404SG_06 Datasheet
89Kb / 4P
GaAlAs Infrared Emitting Diode
HE8812SG OPNEXT-HE8812SG Datasheet
89Kb / 4P
GaAlAs Infrared Emitting Diode
logo
TEMIC Semiconductors
TSSP4400 TEMIC-TSSP4400 Datasheet
108Kb / 5P
GaAs/GaAlAs Infrared Emitting Diode in Sideview Package
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
Infrared Emitting Diode(GaAlAs)
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com