Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML3710 Datasheet (PDF) - Vishay Siliconix

TSML3710 Datasheet PDF - Vishay Siliconix
Part # TSML3710
Download  TSML3710 Download
File Size   246.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs/GaAlAs Infrared Emitting Diode in SMT Package

TSML3710 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSML3710 Datasheet PDF - Vishay Siliconix

Part # TSML3710
Download  TSML3710 Click to download

File Size   246.55 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAs/GaAlAs Infrared Emitting Diode in SMT Package

TSML3710 Datasheet (HTML) - Vishay Siliconix


TSML3710 Product details

Description

TSML3710 is an infrared emitting diode in GaAlAs on GaAs technology in miniature PLCC-2 SMD package.



Features

• SMT IRED with extra high radiant power

• Low forward voltage

• Compatible with automatic placement equipment

• EIA and ICE standard package

• Suitable for infrared, vapor phase and wavesolder process

• Packed in 8 mm tape

• Suitable for pulse current operation

• Extra wide angle of half intensity ϕ = ± 60°

• Peak wavelength λp = 950 nm

• Matched with TEMT3700 phototransistor

• Lead (Pb)-free component

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



Applications

• IR emitter in photointerrupters, transmissive sensors and reflective sensors

• Household appliance

• IR emitter in low space applications

• Tactile keyboards



 




Similar Part No. - TSML3710

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
More results


Similar Description - TSML3710

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA2606L PANASONIC-LNA2606L Datasheet
21Kb / 1P
GaAlAs on GaAs Infrared Light Emitting Diode
LNA2801L PANASONIC-LNA2801L Datasheet
40Kb / 2P
GaAlAs on GaAs Infrared Light Emitting Diode
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
08-Mar-05
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
20-May-99
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
GaAs Infrared Emitting Diode in SMT Package
logo
Unity Opto Technology
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-184A4 UOT-MIE-184A4 Datasheet
32Kb / 2P
GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
logo
TEMIC Semiconductors
TSSP4400 TEMIC-TSSP4400 Datasheet
108Kb / 5P
GaAs/GaAlAs Infrared Emitting Diode in Sideview Package
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com