Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML3710 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TSML3710
Description  GaAs/GaAlAs Infrared Emitting Diode in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML3710 Datasheet(HTML) 6 Page - Vishay Siliconix

  TSML3710 Datasheet HTML 1Page - Vishay Siliconix TSML3710 Datasheet HTML 2Page - Vishay Siliconix TSML3710 Datasheet HTML 3Page - Vishay Siliconix TSML3710 Datasheet HTML 4Page - Vishay Siliconix TSML3710 Datasheet HTML 5Page - Vishay Siliconix TSML3710 Datasheet HTML 6Page - Vishay Siliconix TSML3710 Datasheet HTML 7Page - Vishay Siliconix TSML3710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number 81075
Rev. 3, 06-Jun-03
VISHAY
TSML3710
Vishay Semiconductors
Temperature - Time Profile
Drypack
Devices are packed in moisture barrier bags (MBB) to
prevent the products from moisture absorption during
transportation and storage. Each bag contains a des-
iccant.
Floor Life
Floor life (time between soldering and removing from
MBB) must not exceed the time indicated in
J-STD-020.
TSML 3710 is released for:
Moisture Sensitivity Level 2, according to JEDEC,
J-STD-020
Floor Life: 1 year
Conditions: Tamb < 30°C, RH < 60%
Drying
In case of moisture absorption devices should be
baked before soldering. Conditions see J-STD-020 or
Label.
Devices taped on reel dry using recommended condi-
tions 192 h @ 40°C (+ 5°C), RH < 5%
Figure 11. Infrared Reflow Soldering Optodevices (SMD Package)
max. 160 C
full line
: typical
dotted line : process limits
Time ( s )
Lead Temperature
90s-120s
300
250
200
150
100
50
0
0
50
100
150
200
250
max. 240 C
ca. 230 C
10 s
215 C
max 40 s
2 K/s - 4 K/s
94 8625
°
°
°
°
Figure 12. Blister Tape
Figure 13. Tape Dimensions in mm for PLCC-2
Adhesive Tape
Component Cavity
Blister Tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com