Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML3710 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSML3710
Description  GaAs/GaAlAs Infrared Emitting Diode in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML3710 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSML3710 Datasheet HTML 1Page - Vishay Siliconix TSML3710 Datasheet HTML 2Page - Vishay Siliconix TSML3710 Datasheet HTML 3Page - Vishay Siliconix TSML3710 Datasheet HTML 4Page - Vishay Siliconix TSML3710 Datasheet HTML 5Page - Vishay Siliconix TSML3710 Datasheet HTML 6Page - Vishay Siliconix TSML3710 Datasheet HTML 7Page - Vishay Siliconix TSML3710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VISHAY
TSML3710
Document Number 81075
Rev. 3, 06-Jun-03
Vishay Semiconductors
www.vishay.com
3
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Forward Voltage vs. Ambient Temperature
10
100
1000
10000
0.01
0.10
1.00
10.00
100.00
t p - Pulse Duration ( ms )
14335
tp /T = 0.01
0.05
0.2
0.5
1.0
0.1
0.02
VF - Forward Voltage(V)
13600
10 1
10 0
10 2
10 3
10 4
t p = 100 s
tp/ T = 0.001
µ
4
3
2
1
0
0.7
0.8
0.9
1.0
1.1
1.2
0
1020 3040 5060 7080 90 100
Tamb – Ambient Temperature ( °C )
16848
IF = 1 mA
Figure 6. Radiant Intensity vs. Forward Current
Figure 7. Radiant Power vs. Forward Current
Figure 8. Rel. Radiant Intensity/Power vs. Ambient Temperature
I F - Forward Current ( mA )
15903
10 3
10 1
10 2
10 4
10 0
0.1
1
10
100
IF - Forward Current ( mA )
94 8740
103
101
102
104
100
0.1
1
10
1000
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
–10 0 10203040 5060708090 100
Tamb – Ambient Temperature ( °C )
16849
IF = 20 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com