Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML3710 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TSML3710
Description  GaAs/GaAlAs Infrared Emitting Diode in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML3710 Datasheet(HTML) 7 Page - Vishay Siliconix

  TSML3710 Datasheet HTML 1Page - Vishay Siliconix TSML3710 Datasheet HTML 2Page - Vishay Siliconix TSML3710 Datasheet HTML 3Page - Vishay Siliconix TSML3710 Datasheet HTML 4Page - Vishay Siliconix TSML3710 Datasheet HTML 5Page - Vishay Siliconix TSML3710 Datasheet HTML 6Page - Vishay Siliconix TSML3710 Datasheet HTML 7Page - Vishay Siliconix TSML3710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VISHAY
TSML3710
Document Number 81075
Rev. 3, 06-Jun-03
Vishay Semiconductors
www.vishay.com
7
Missing Devices
A maximum of 0.5% of the total number of
components per reel may be missing, exclusively
missing components at the beginning and at the end
of the reel. A maximum of three consecutive
components may be missing, provided this gap is
followed by six consecutive components.
The tape leader is at least 160 mm and is followed by
a carrier tape leader with at least 40 empty
compartements. The tape leader may include the
carrier tape as long as the cover tape is not connected
to the carrier tape.
The least comoponent is followed by a carrier tape
trailer with a least 75 empty compartements and
sealed with cover tape.
Cover Tape Removal Force
The removal force lies between 0.1 N and 1.0 N at a
removal speed of 5 mm/s.
In order to prevent components from popping out of
the bliesters, the cover tape must be pulled off at an
angle of 180° with regard to the feed direction.
Figure 14. Beginning and End of Reel
Figure 15. Dimensions of Reel
De-reeling direction
Tape leader
min. 75 empty
compartments
> 160 mm
40 empty
compartments
Carrier leader
Carrier trailer
94 8158
180
178
Identification
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120
94 8665
Label:
Tfk
Type
Group
Tape Code
Production
Code
Quantity
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com