Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSML3710 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSML3710
Description  GaAs/GaAlAs Infrared Emitting Diode in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSML3710 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSML3710 Datasheet HTML 1Page - Vishay Siliconix TSML3710 Datasheet HTML 2Page - Vishay Siliconix TSML3710 Datasheet HTML 3Page - Vishay Siliconix TSML3710 Datasheet HTML 4Page - Vishay Siliconix TSML3710 Datasheet HTML 5Page - Vishay Siliconix TSML3710 Datasheet HTML 6Page - Vishay Siliconix TSML3710 Datasheet HTML 7Page - Vishay Siliconix TSML3710 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VISHAY
TSML3710
Document Number 81075
Rev. 3, 06-Jun-03
Vishay Semiconductors
www.vishay.com
1
94 8553
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Description
TSML3710 is an infrared emitting diode in GaAlAs on
GaAs technology in miniature PLCC2 SMD package.
Features
• SMT IRED with extra high radiant power
• Low forward voltage
• Compatible with automatic placement equipment
• EIA and ICE standard package
• Suitable for infrared, vapor phase and wavesolder
process
• Packed in 8 mm tape
• Suitable for pulse current operation
• Extra wide angle of half intensity
ϕ = ± 60°
• Peak wavelength
λp = 950 nm
• Matched with TEMT3700 phototransistor
Applications
IR emitter in photointerrupters, transmissive sensors
and reflective sensors
Household appliance
IR emitter in low space applications
Tactile keyboards
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Remarks
TSML3710
TSML3710-GS08
MOQ 7500pcs (1500 pcs per reel)
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 µs
IFM
200
mA
Surge Forward Current
tp = 100 µs
IFSM
1
A
Power Dissipation
PV
170
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
- 40 to + 85
°C
Storage Temperature Range
Tstg
- 40 to +100
°C
Soldering Temperature
t
≤10sec
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
450
K/W


Similar Part No. - TSML3710

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
TSML3710-GS08 VISHAY-TSML3710-GS08 Datasheet
135Kb / 8P
High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
21-Feb-07
More results

Similar Description - TSML3710

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA2606L PANASONIC-LNA2606L Datasheet
21Kb / 1P
GaAlAs on GaAs Infrared Light Emitting Diode
LNA2801L PANASONIC-LNA2801L Datasheet
40Kb / 2P
GaAlAs on GaAs Infrared Light Emitting Diode
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
08-Mar-05
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
20-May-99
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
GaAs Infrared Emitting Diode in SMT Package
logo
Unity Opto Technology
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-184A4 UOT-MIE-184A4 Datasheet
32Kb / 2P
GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
logo
TEMIC Semiconductors
TSSP4400 TEMIC-TSSP4400 Datasheet
108Kb / 5P
GaAs/GaAlAs Infrared Emitting Diode in Sideview Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com