Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP4400 Datasheet (PDF) - TEMIC Semiconductors

TSSP4400 Datasheet PDF - TEMIC Semiconductors
Part # TSSP4400
Download  TSSP4400 Download
File Size   108.14 Kbytes
Page   5 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description GaAs/GaAlAs Infrared Emitting Diode in Sideview Package

TSSP4400 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSSP4400 Datasheet PDF - TEMIC Semiconductors

Part # TSSP4400
Download  TSSP4400 Click to download

File Size   108.14 Kbytes
Page   5 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description GaAs/GaAlAs Infrared Emitting Diode in Sideview Package

TSSP4400 Datasheet (HTML) - TEMIC Semiconductors


TSSP4400 Product details

Description
TSSP4400 is a high intensity infrared emitting diode in GaAlAs on GaAs technology, molded in a clear, blue–grey tinted plastic package with spherical side view lens. The device is spectrally matched to silicon photodiodes and phototransistors.

Features
● High radiant power and high radiant intensity
● Suitable for high pulse current operation
● Low forward voltage
● Angle of half intensity ϕ = ± 22°
● Peak wavelength λp = 925 nm
● High reliability

Applications
   High power infrared emitter in light curtains, light barriers, transmissive or reflective sensors in combination with PIN photodiodes or phototransistors.
   Infrared remote control and free air transmission systems for long transmission distance and medium wide angle requirements in combination with PIN photo diodes or photo modules.
   Suitable as replacement of CQX47.




Similar Part No. - TSSP4400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40 VISHAY-TSSP40 Datasheet
107Kb / 6P
IR Sensor Module for Reflective Sensor, Light Barrier, and Fast Proximity Applications
11-Dec-15
TSSP40 VISHAY-TSSP40 Datasheet
173Kb / 6P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
16-Aug-2022
TSSP40.. VISHAY-TSSP40.. Datasheet
173Kb / 6P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
16-Aug-2022
TSSP40..SS1XB VISHAY-TSSP40..SS1XB Datasheet
181Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Aug-2022
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
13-Mar-12
More results


Similar Description - TSSP4400

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA2606L PANASONIC-LNA2606L Datasheet
21Kb / 1P
GaAlAs on GaAs Infrared Light Emitting Diode
LNA2801L PANASONIC-LNA2801L Datasheet
40Kb / 2P
GaAlAs on GaAs Infrared Light Emitting Diode
logo
Vishay Siliconix
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
08-Mar-05
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
20-May-99
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
GaAs Infrared Emitting Diode in SMT Package
logo
Unity Opto Technology
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-184A4 UOT-MIE-184A4 Datasheet
32Kb / 2P
GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
GaAs/GaAlAs Infrared Emitting Diode in SMT Package
06-Jun-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com