Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS3623 Datasheet (PDF) - ANADIGICS, Inc

APS3623 Datasheet PDF - ANADIGICS, Inc
Part # APS3623
Download  APS3623 Download
File Size   387.29 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment

APS3623 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS3623 Datasheet PDF - ANADIGICS, Inc

Part # APS3623
Download  APS3623 Click to download

File Size   387.29 Kbytes
Page   12 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment

APS3623 Datasheet (HTML) - ANADIGICS, Inc


APS3623 Product details

PRODUCT DESCRIPTION
ThisAPS3623 active splitter fromANADIGICS accepts a broadband RF input from 50 MHz to 1 GHz and splits the signal to provide three broadband RF outputs with minimal degradation of quality. The single-package surface mount device amplifies the input using highly linear, low noise amplification stages, and couples the amplified signal to three separate output paths that each can drive either analog video, digital video or digital data tuners. The APS3623 offers a special Figure 1: Functional Block Diagram frequency/gain profile, which compensates for inband signal attenuation caused by MoCA line filters.

FEATURES
•  Single Input, Triple Output Design
•  Gain profile compensates for inband MoCA line filter attenuation
•  Wideband Operation to 1 GHz
•  Supports both Analog TV and Digital TV Lineups
•  Nominal 5 dB Gain
•  4.5 dB Typical Noise Figure
•  Single +5 V Supply
•  Current adjust pin for optimizing distortion performance
•  High Linearity, Low Distortion
•  Single-Ended 75 Ohm Inputs/Outputs
•  Materials set consistent with RoHS directives

APPLICATIONS
•  Analog/Digital and All-Digital CATV Set-Top Boxes with Multiple Tuners and Multimedia over Coax Alliance (MoCA) Functionality
•  Multiple-Tuner TVs, TV Tuner Cards and Broadband Media Centers




Similar Part No. - APS3623

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3625 ANADIGICS-APS3625 Datasheet
875Kb / 14P
5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
Rev 1.1
APS3625RS34P8 ANADIGICS-APS3625RS34P8 Datasheet
875Kb / 14P
5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
Rev 1.1
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
Six-way Active Power Splitter
Rev 0.0
APS3626RS34Q1 ANADIGICS-APS3626RS34Q1 Datasheet
335Kb / 7P
Six-way Active Power Splitter
Rev 0.0
More results


Similar Description - APS3623

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Tyco Electronics
MAPDCC0005 MACOM-MAPDCC0005 Datasheet
649Kb / 4P
Low Cost Three Way Power Splitter/Combiner
logo
ANADIGICS, Inc
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
1 GHz Three-way Active Power Splitter
07/2008
APS3611 ANADIGICS-APS3611 Datasheet
336Kb / 10P
870 GHz Two-way Active Power Splitter Optimized for MOCA-Enabled Subscriber equipment
02/2008
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
Six-way Active Power Splitter
Rev 0.0
logo
New Japan Radio
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
2-way Active Splitter GaAs MMIC
logo
M/A-COM Technology Solu...
MAPDCC0005 MA-COM-MAPDCC0005 Datasheet
81Kb / 4P
Low Cost Three Way Power Splitter/Combiner
MAPDCC0005 MA-COM-MAPDCC0005_15 Datasheet
558Kb / 5P
Low Cost Three Way Power Splitter/Combiner
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
Three Way Power Splitter
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
Single Ended 3-Way Active Splitter
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com