Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS3625 Datasheet (PDF) - ANADIGICS, Inc

APS3625 Datasheet PDF - ANADIGICS, Inc
Part # APS3625
Download  APS3625 Download
File Size   875.55 Kbytes
Page   14 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz

APS3625 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS3625 Datasheet PDF - ANADIGICS, Inc

Part # APS3625
Download  APS3625 Click to download

File Size   875.55 Kbytes
Page   14 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz

APS3625 Datasheet (HTML) - ANADIGICS, Inc


APS3625 Product details

ProDUct DeScriPtion
TheAPS3625 active splitter fromANADIGICS accepts an RF input in the 50 MHz to 1.0 GHz frequency range and provides five RF outputs with minimal degradation in signal quality. The single-package surface mount device amplifies the input signals using highly linear, low noise amplification stages, and couples the amplified signal to five separate output paths to drive video tuner(s), a DOCSIS tuner(s), or other in-band inputs. The device provides one by-pass output to maintain a connection when the power is lost, which Figure 1: Functional Block Diagram “on” mode is intended for critical signals such as a digital voice phone. The overall linearity of each tuner path is maintained across the entire operating frequency range, ensuring low distortion effects on each output signal.

FeAtUreS
•  Single Input, 5-way Output
•  Wideband Operation: to Above 1 GHz
•  Maintains RF signal path to high priority port (“Phone”) in power loss mode
•  Used in conjunction with external FET for shutdown control
•  4.8 dB Typical Noise Figure at 4 dB Gain
•  Single +3.3 V Supply
•  High Linearity, Low Distortion
•  Single-ended 75 Ohm Inputs/Outputs
•  RoHS Compliant/Lead Free
•  4 x 4 x 0.9 mm 24-Lead QFN Package

APPlicAtionS
•  Home gateways and CATV digital set-top boxes with multiple tuners, requiring phone by-    pass when power is lost




Similar Part No. - APS3625

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3623 ANADIGICS-APS3623 Datasheet
387Kb / 12P
1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
07/2008
APS3623RS26Q1 ANADIGICS-APS3623RS26Q1 Datasheet
387Kb / 12P
1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
07/2008
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
Six-way Active Power Splitter
Rev 0.0
APS3626RS34Q1 ANADIGICS-APS3626RS34Q1 Datasheet
335Kb / 7P
Six-way Active Power Splitter
Rev 0.0
More results


Similar Description - APS3625

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
logo
Tyco Electronics
MAAM-007805 MACOM-MAAM-007805 Datasheet
208Kb / 4P
Broadband CATV Single Ended 2-Way Active Splitter 50 - 1100 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZFSC-2-4 MINI-ZFSC-2-4 Datasheet
127Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.2 to 1000 MHz
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com