Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS3626 Datasheet (PDF) - ANADIGICS, Inc

APS3626 Datasheet PDF - ANADIGICS, Inc
Part # APS3626
Download  APS3626 Download
File Size   335.82 Kbytes
Page   7 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Six-way Active Power Splitter

APS3626 Datasheet (PDF)

Go To PDF Page Download Datasheet
APS3626 Datasheet PDF - ANADIGICS, Inc

Part # APS3626
Download  APS3626 Click to download

File Size   335.82 Kbytes
Page   7 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description Six-way Active Power Splitter

APS3626 Datasheet (HTML) - ANADIGICS, Inc


APS3626 Product details

PRODUCT DESCRIPTION
ThisAPS3626 active splitter fromANADIGICS accepts a broadband RF input from 51 MHz to 1002 MHz and splits the signal to provide six broadband RF outputs with minimal degradation of quality. The single package surface mount device amplifies the input using highly linear, low noise amplification stages, and couples the amplified signal to six separate output paths that can each drive digital video tuners. The overall linearity of each path is maintained across the entire operating frequency range, ensuring low distortion effects on each output signal.

FEATURES
•  Single Input, Six Output Design
•  Wideband Operation to 1 GHz
•  Nominal 5 dB Gain
•  4.0 dB Typical Noise Figure
•  Single +3.3V or +5V Supply
•  High Linearity, Low Distortion
•  Current adjust pin for optimizing distortion performance
•  Single-Ended 75 Ohm Inputs/Output
•  Materials set consistent with RoHS Directives

APPLICATIONS
•  All-Digital CATV Set-Top Boxes with Multiple Tuners
•  Home Gateways, Multiple-Tuner TVs and Set-top boxes




Similar Part No. - APS3626

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3623 ANADIGICS-APS3623 Datasheet
387Kb / 12P
1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
07/2008
APS3623RS26Q1 ANADIGICS-APS3623RS26Q1 Datasheet
387Kb / 12P
1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
07/2008
APS3625 ANADIGICS-APS3625 Datasheet
875Kb / 14P
5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
Rev 1.1
APS3625RS34P8 ANADIGICS-APS3625RS34P8 Datasheet
875Kb / 14P
5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
Rev 1.1
More results


Similar Description - APS3626

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS56-0002 MACOM-DS56-0002 Datasheet
115Kb / 2P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
ANADIGICS, Inc
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
1 GHz Three-way Active Power Splitter
07/2008
logo
M/A-COM Technology Solu...
DS56-0002 MA-COM-DS56-0002 Datasheet
86Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner 1700 - 2000 MHz
logo
New Japan Radio
NJG1151MD7 NJRC-NJG1151MD7 Datasheet
876Kb / 30P
2-way Active Splitter GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM-008820 MA-COM-MAAM-008820 Datasheet
200Kb / 6P
Broadband CATV Single Ended 4-Way Active Splitter
MAPDCC0018 MA-COM-MAPDCC0018 Datasheet
85Kb / 4P
Low Cost Six-Way Power Splitter/Combiner
MAPDCC0018 MA-COM-MAPDCC0018_15 Datasheet
538Kb / 5P
Low Cost Six-Way Power Splitter/Combiner 1700 ??2000 MHz
logo
Pulse A Technitrol Comp...
DASSPLIT3WNF PULSE-DASSPLIT3WNF Datasheet
396Kb / 1P
Three Way Power Splitter
logo
SJM Prewell. All Rights...
PSC13A SJM-PSC13A Datasheet
368Kb / 4P
Single Ended 3-Way Active Splitter
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com