Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11033 Datasheet (PDF) - Mospec Semiconductor

MJ11033 Datasheet PDF - Mospec Semiconductor
Part # MJ11033
Download  MJ11033 Download
File Size   154.67 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(50A,60-120V,300W)

MJ11033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11033 Datasheet PDF - Mospec Semiconductor

Part # MJ11033
Download  MJ11033 Click to download

File Size   154.67 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTOR(50A,60-120V,300W)

MJ11033 Datasheet (HTML) - Mospec Semiconductor


MJ11033 Product details

COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS

. . . designed for use as output devices in complementary general purpose amplifier applications.

• High Gain Darlington Performance
• High DC Current Gain: hFE = 1000 (Min) @ IC = 25 A
                                        hFE = 400 (Min) @ IC = 50 A
• Monolithic Construction with Built–In Base–Emitter Shunt Resistor




Similar Part No. - MJ11033

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11033 MOTOROLA-MJ11033 Datasheet
153Kb / 4P
50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11033 ONSEMI-MJ11033 Datasheet
153Kb / 4P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Wing Shing Computer Com...
MJ11033 WINGS-MJ11033 Datasheet
21Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Seme LAB
MJ11033 SEME-LAB-MJ11033 Datasheet
59Kb / 2P
COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11033 ONSEMI-MJ11033 Datasheet
68Kb / 4P
High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results


Similar Description - MJ11033

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5683 MOSPEC-2N5683 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
MJ11011 MOSPEC-MJ11011 Datasheet
140Kb / 3P
POWER TRANSISTORS(30A,60-120V,200W)
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
Power Transistor (120V, -6A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
Power Transistor (120V, 7A)
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
Power Transistor (120V, 1.5A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
300W300W Redundant Power Supply
logo
Schneider Electric
HOM150 SCHNEIDER-HOM150 Datasheet
92Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 50A
Nov 22, 2019
HOM150CP SCHNEIDER-HOM150CP Datasheet
125Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 50A
Nov 22, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com