Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ11033 Datasheet (PDF) - Motorola, Inc

MJ11033 Datasheet PDF - Motorola, Inc
Part # MJ11033
Download  MJ11033 Download
File Size   153.97 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS

MJ11033 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ11033 Datasheet PDF - Motorola, Inc

Part # MJ11033
Download  MJ11033 Click to download

File Size   153.97 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS

MJ11033 Datasheet (HTML) - Motorola, Inc


MJ11033 Product details

High-Current Complementary Silicon Transistor

. . . for use as output devices in complementary general purpose amplifier applications.

• High DC Current Gain — hFE = 1000 (Min) @ IC = 25 Adc
                                           hFE = 400 (Min) @ IC = 50 Adc
• Curves to 100 A (Pulsed)
• Diode Protection to Rated IC
• Monolithic Construction with Built–In Base–Emitter Shunt Resistor
• Junction Temperature to +200°C




Similar Part No. - MJ11033

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11033 MOSPEC-MJ11033 Datasheet
154Kb / 3P
POWER TRANSISTOR(50A,60-120V,300W)
logo
ON Semiconductor
MJ11033 ONSEMI-MJ11033 Datasheet
153Kb / 4P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Wing Shing Computer Com...
MJ11033 WINGS-MJ11033 Datasheet
21Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Seme LAB
MJ11033 SEME-LAB-MJ11033 Datasheet
59Kb / 2P
COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJ11033 ONSEMI-MJ11033 Datasheet
68Kb / 4P
High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results


Similar Description - MJ11033

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ11012 MOTOROLA-MJ11012 Datasheet
157Kb / 4P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
MJE270 MOTOROLA-MJE270 Datasheet
109Kb / 4P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS 15 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE270 ONSEMI-MJE270 Datasheet
58Kb / 3P
2.0 AMPERE COMPLEMENTARY POWER DARLINGTON TRANSISTORS 100 VOLTS, 15 WATTS
January, 2006 ??Rev. 6
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com