Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VKA75LS12C Datasheet (PDF) - Murata Power Solutions Inc.

VKA75LS12C Datasheet PDF - Murata Power Solutions Inc.
Part # VKA75LS12C
Download  VKA75LS12C Download
File Size   302.2 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 75 Watt Single Output Half Brick DC/DC Converter

VKA75LS12C Datasheet (PDF)

Go To PDF Page Download Datasheet
VKA75LS12C Datasheet PDF - Murata Power Solutions Inc.

Part # VKA75LS12C
Download  VKA75LS12C Click to download

File Size   302.2 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 75 Watt Single Output Half Brick DC/DC Converter

VKA75LS12C Datasheet (HTML) - Murata Power Solutions Inc.


VKA75LS12C Product details

FEATURES

RoHS Compliant

18-36 V & 33 - 75V Input Range

High Efficiency: 87% Typical at 5V

100mS Transient Response 50-100% Load Step

420 kHz Fixed-Frequency Operation

Remote Sense

Operation to +100°C Baseplate Temperature

Primary Remote On/Off, Choice of Pos/Neg Logic

Adjustable Output Voltage

Continuout Short-Circuit Protection

Thermal Shutdown

Case Ground Pin




Similar Part No. - VKA75LS12C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA75LS12 CANDD-VKA75LS12 Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Similar Description - VKA75LS12C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100S CANDD-IHB100S Datasheet
241Kb / 4P
10 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA60XS CANDD-VKA60XS Datasheet
459Kb / 4P
50 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA75XS CANDD-VKA75XS Datasheet
168Kb / 4P
75 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
WPN30R CANDD-WPN30R Datasheet
120Kb / 4P
30 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
TDC_WPN30R CANDD-TDC_WPN30R Datasheet
204Kb / 4P
30 Watt Single Output Half Brick DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
VKA50LS03C MURATA-PS-VKA50LS03C Datasheet
273Kb / 4P
50 Watt Single Output Half Brick DC/DC Converter
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com