Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2138 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSC2138 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSC2138
Download  SSC2138 Download
File Size   1267.39 Kbytes
Page   7 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Dropout Voltage Regulator

SSC2138 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2138 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSC2138
Download  SSC2138 Click to download

File Size   1267.39 Kbytes
Page   7 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Low Dropout Voltage Regulator

SSC2138 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SSC2138 Product details

Description
The SSC2138 positive,linear regulators feature low quiescent current (45mA typ.) with low dropout voltage, making them ideal for battery applications. Output voltage are set at the factory and trimmed to 1.5% accuracy.These rugged devices have both Thermal Shutdown and Current Fold-back to prevent device failure under the "Worst" of operating conditions. The SSC2138 is stable with an output capacitance of 4.7mF or greater

Features
* Low Temperature Coefficient
* Over-Temperature Shutdown
* Adjustable Version
* Very Low Dropout Voltage
* High Accurate 1.5%
* Short Circuit Current Fold-back
* Guaranteed 1.5A output
* Current Limiting
* Power-Saving Shutdown Mode
±

Applications
* PC Peripherals
* Wireless Devices
* Portable Electronics
* Battery Powered Widgets
* Instrumentation




Similar Part No. - SSC2138

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSC2139 SECOS-SSC2139 Datasheet
1Mb / 7P
Low Dropout Voltage Regulator
More results


Similar Description - SSC2138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com