Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2138 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2138
Description  Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2138 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSC2138 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SSC2138
1.5A CMOS
Low Dropout Voltage Regulator
*
Adjustable Version
Features
*
Low Temperature Coefficient
* Over-Temperature Shutdown
* Very Low Dropout Voltage
* High Accurate
1.5%
* Short Circuit Current Fold-back
* Guaranteed 1.5A output
* Current Limiting
* Portable Electronics
Applications
* PC Peripherals
* Wireless Devices
* Battery Powered Widgets
* Instrumentation
The SSC2138 is stable
with an output capacitance of 4.7µF or greater.
Description
The SSC2138 positive,linear regulators feature low quiescent
current (45µA typ.) with low dropout voltage, making them ideal
for battery applications. Output voltage are set at the factory and
trimmed to 1.5% accuracy.These rugged devices have both
Thermal Shutdown and Current Fold-back to prevent device failure
under the "Worst" of operating conditions.
01-Jun-2002 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Application Circuit
Functional Block Diagram
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0 C
8C
J
0.375 REF.
E
0.40
0.90
K
45 C
F
0.19
0.25
G
1.27 TYP.
Millimeter
Millimeter
SSC2138
* Power-Saving Shutdown Mode
±


Similar Part No. - SSC2138

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSC2139 SECOS-SSC2139 Datasheet
1Mb / 7P
Low Dropout Voltage Regulator
More results

Similar Description - SSC2138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com