Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2138 Datasheet(PDF) 7 Page - SeCoS Halbleitertechnologie GmbH

Part # SSC2138
Description  Low Dropout Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSC2138 Datasheet(HTML) 7 Page - SeCoS Halbleitertechnologie GmbH

  SSC2138 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSC2138 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01-Jun-2002 Rev. A
Page
7of 7
ht tp://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Elektronische Bauelemente
SSC2138
1.5A CMOS
Low Dropout Voltage Regulator
External Resistor Divider Table
R1(k )
1
2
5
10
20
50
R1(k )
1
2
5
10
20
50
VOUT
R2(k )=(1.242*R1(k ))/(VOUT-1.242)
VOUT
R2(k )=(1.242*R1(k ))/(VOUT-1.242)
1.30
21.41 42.83 107.07 214.14 428.28 1070.7
3.20
0.63
1.27
3.17
6.34
12.69 31.72
1.35
11.50 23.00 57.50 115.00 230.00 575.00
3.25
0.62
1.24
3.09
6.19
12.37 30.93
1.40
7.86
15.72 39.30 78.61 157.22 393.04
3.30
0.60
1.21
3.02
6.03
12.07 30.17
1.45
5.97
11.94 29.86 59.71 119.42 298.56
3.35
0.59
1.18
2.95
5.89
11.78 29.46
1.50
4.81
9.63
24.07 48.14 96.28 240.70
3.40
0.58
1.15
2.88
5.76
11.51 28.78
1.55
4.03
8.06
20.16 40.32 80.65 201.62
3.45
0.56
1.13
2.81
5.63
11.25 28.13
1.60
3.47
6.94
17.35 34.69 68.39 173.46
3.50
0.55
1.10
2.75
5.50
11.00 27.50
1.65
3.04
6.09
15.22 30.44 60.88 152.21
3.55
0.54
1.08
2.69
5.38
10.76 26.91
1.70
2.71
5.42
13.56 27.12 54.24 135.59
3.60
0.53
1.05
2.63
5.27
10.53 26.34
1.75
2.44
4.89
12.22 24.45 48.90 122.24
3.65
0.52
1.03
2.58
5.16
10.32 25.79
1.80
2.23
4.45
11.13 22.26 44.52 111.29
3.70
0.51
1.01
2.53
5.05
10.11 25.26
1.85
2.04
4.09
10.21 20.43 40.86 102.14
3.75
0.50
0.99
2.48
4.95
9.90
24.76
1.90
1.89
3.78
9.44
18.88 37.75 94.38
3.80
0.49
0.97
2.43
4.86
9.71
24.28
1.95
1.75
3.51
8.77
17.54 35.08 87.71
3.85
0.48
0.95
2.38
4.76
9.52
23.81
2.00
1.64
3.28
8.19
16.39 32.77 81.93
3.90
0.47
0.93
2.34
4.67
9.35
23.36
2.05
1.54
3.07
7.69
15.37 30.74 76.86
3.95
0.46
0.92
2.29
4.59
9.17
22.93
2.10
1.45
2.90
7.24
14.48 28.95 72.38
4.00
0.45
0.90
2.25
4.50
9.01
22.52
2.15
1.37
2.74
6.84
13.68 27.36 68.39
4.05
0.44
0.88
2.21
4.42
8.85
22.12
2.20
1.30
2.59
6.48
12.96 25.93 64.82
4.10
0.43
0.87
2.17
4.35
8.69
21.73
2.25
1.23
2.46
6.16
12.32 24.65 61.61
4.15
0.43
0.85
2.14
4.27
8.54
21.35
2.30
1.17
2.35
5.87
11.74 23.48 58.70
4.20
0.42
0.84
2.10
4.20
8.40
20.99
2.35
1.12
2.24
5.60
11.21 22.42 56.05
4.25
0.41
0.83
2.06
4.13
8.26
20.64
2.40
1.07
2.15
5.36
10.73 21.45 53.63
4.30
0.41
0.81
2.03
4.06
8.12
20.31
2.45
1.03
2.06
5.14
10.28 20.56 51.41
4.35
0.40
0.80
2.00
4.00
7.99
19.98
2.50
0.99
1.97
4.94
9.87
19.75 49.36
4.40
0.39
0.79
1.97
3.93
7.87
19.66
2.55
0.95
1.90
4.75
9.50
18.99 47.48
4.45
0.39
0.77
1.94
3.87
7.74
19.36
2.60
0.91
1.83
4.57
9.15
18.29 45.73
4.50
0.38
0.76
1.91
3.81
7.62
19.06
2.65
0.88
1.76
4.41
8.82
17.64 44.11
4.55
0.38
0.75
1.88
3.75
7.51
18.77
2.70
0.85
1.70
4.26
8.52
17.04 42.59
4.60
0.37
0.74
1.85
3.70
7.40
18.49
2.75
0.82
1.65
4.12
8.24
16.47 41.18
4.65
0.36
0.73
1.82
3.64
7.29
18.22
2.80
0.80
1.59
3.99
7.97
15.94 39.86
4.70
0.36
0.72
1.80
3.59
7.18
17.96
2.85
0.77
1.54
3.86
7.72
15.45 38.62
4.75
0.35
0.71
1.77
3.54
7.08
17.70
2.90
0.75
1.50
3.75
7.49
14.98 37.45
4.80
0.35
0.70
1.75
3.49
6.98
17.45
2.95
0.73
1.45
3.64
7.27
14.54 36.36
4.85
0.34
0.69
1.72
3.44
6.88
17.21
3.00
0.71
1.41
3.53
7.06
14.13 35.32
4.90
0.34
0.68
1.70
3.40
6.79
16.98
3.05
0.69
1.37
3.43
6.87
13.74 34.35
4.95
0.33
0.67
1.67
3.35
6.70
16.75
3.10
0.67
1.34
3.34
6.68
13.37 33.42
5.00
0.33
0.66
1.65
3.30
6.61
16.52
3.15
0.65
1.30
3.25
6.51
13.02 32.55
Note: Small load (greater than 2mA) is necessary as R1 or R2 is larger than 50k . Otherwise, output voltage probably can not be pulled
down to 0V on disable mode.
Ω
Ω
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com