Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC2166 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SSC2166 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SSC2166
Download  SSC2166 Download
File Size   985.45 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Positive Voltage Regulator

SSC2166 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC2166 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SSC2166
Download  SSC2166 Click to download

File Size   985.45 Kbytes
Page   5 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Positive Voltage Regulator

SSC2166 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SSC2166 Product details

Description

The SSC2166 is stable with an output capacitance of 2.2µF The SSC2166 series of positive,linear regulators feature low quiescent current (30µA typ.) with low dropout voltage, making them ideal for battery applications. The space-saving SOP-8 package is attractive for "Pocket" and "Hand Held" applications. These rugged devices have both Thermal Shutdown and Current Fold-back to prevent device failure under the "Worst" of operating conditions. In applications requiring a low noise, regulated supply, place a 1000pF capacitor between Bypass and ground. or greater.



Features

* Factory Pre-set Output Fold-Back

* Low Temperature Coefficient

* Over-Temperature Shutdown

* Very Low Dropout Voltage

* Noise Reduction Bypass Capacitor

* Short Circuit Current Fold-back

* Guaranteed 600mA output

* Current Limiting

* Highly Accurate ±1.5%



Applications

* Portable Electronics

* PC Peripherals

* Wireless Devices

* Battery Powered Widgets

* Instrumentation

* Cordless Phones

* Electronic Scales




Similar Part No. - SSC2166

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSC2102S SANKEN-SSC2102S Datasheet
600Kb / 21P
Discontinuous Conduction Mode (DCM) Interleaved PFC IC
logo
SeCoS Halbleitertechnol...
SSC2117 SECOS-SSC2117 Datasheet
1Mb / 7P
Positive Voltage Regulator
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
1.55A CMOS Low Dropout Voltage Regulator
SSC2127 SECOS-SSC2127 Datasheet
1Mb / 6P
Positive Voltage Regulator
SSC2128 SECOS-SSC2128 Datasheet
1Mb / 6P
CMOS Low Dropout Voltage Regulat or
More results


Similar Description - SSC2166

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com