Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB340 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

SB340 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # SB340
Download  SB340 Download
File Size   155.38 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SCHOTTKY BARRIER RECTIFIERS

SB340 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB340 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # SB340
Download  SB340 Click to download

File Size   155.38 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SCHOTTKY BARRIER RECTIFIERS

SB340 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


SB340 Product details

SCHOTTKY BARRIER RECTIFIERS

Reverse Voltage – 20 to 100 V

Forward Current – 3 A



Features

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

• Metal silicon junction, majority carrier conduction

• High surge capability

• Low power loss, high efficiency

• High current capability, Low forward voltage drop

• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications




Similar Part No. - SB340

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB340 PANJIT-SB340 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB340 TRSYS-SB340 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB340 WTE-SB340 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB340 ZOWIE-SB340 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB340 SSE-SB340 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SB340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com