Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB350 Datasheet (PDF) - SEMTECH ELECTRONICS LTD.

SB350 Datasheet PDF - SEMTECH ELECTRONICS LTD.
Part # SB350
Download  SB350 Download
File Size   155.38 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SCHOTTKY BARRIER RECTIFIERS

SB350 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB350 Datasheet PDF - SEMTECH ELECTRONICS LTD.

Part # SB350
Download  SB350 Click to download

File Size   155.38 Kbytes
Page   2 Pages
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.
Description SCHOTTKY BARRIER RECTIFIERS

SB350 Datasheet (HTML) - SEMTECH ELECTRONICS LTD.


SB350 Product details

SCHOTTKY BARRIER RECTIFIERS

Reverse Voltage – 20 to 100 V

Forward Current – 3 A



Features

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

• Metal silicon junction, majority carrier conduction

• High surge capability

• Low power loss, high efficiency

• High current capability, Low forward voltage drop

• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications




Similar Part No. - SB350

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB350 PANJIT-SB350 Datasheet
54Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SB350 TRSYS-SB350 Datasheet
154Kb / 2P
3 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB350 WTE-SB350 Datasheet
46Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SB350 SSE-SB350 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB350 DIODES-SB350 Datasheet
147Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIER
DS23023 Rev. 4 - 2
More results


Similar Description - SB350

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results




About SEMTECH ELECTRONICS LTD.


Semtech Corporation is an American technology company that specializes in the design and manufacture of analog and mixed-signal semiconductors.

The company was founded in 1960 and has its headquarters in Camarillo, California.

Semtech provides a wide range of products for use in communications, computing, industrial, and consumer applications.

The company is known for its innovative technology and high-quality products, and it has a strong reputation in the semiconductor industry.

Semtech operates globally and has a presence in many countries around the world, serving customers in a variety of industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com