Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA303D-2 Datasheet (PDF) - Excelics Semiconductor, Inc.

EMA303D-2 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EMA303D-2
Download  EMA303D-2 Download
File Size   155.0 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 19.5 - 24 GHz Medium Power MMIC

EMA303D-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EMA303D-2 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EMA303D-2
Download  EMA303D-2 Click to download

File Size   155.0 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 19.5 - 24 GHz Medium Power MMIC

EMA303D-2 Datasheet (HTML) - Excelics Semiconductor, Inc.


EMA303D-2 Product details

FEATURES
 • 19.5 -24 GHz BANDWIDTH
 • +22 dBm OUTPUT POWER @1dB Gain Compression
 • 22 dB TYPICAL SMALL SIGNAL GAIN
 • DUAL BIAS SUPPLY
 • 0.3 MICRON RECESSED “MUSHROOM” GATE
 • Si3N4 PASSIVATION
 • ADVANCED EPITAXIAL HETEROJUNCTION PROFILE PROVIDES EXTRA HIGH POWER EFFICIENCY, AND HIGH RELIABILITY




Similar Part No. - EMA303D-2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA3 ROHM-EMA3 Datasheet
64Kb / 3P
Emitter common (dual digital transistors)
EMA3 ROHM-EMA3 Datasheet
437Kb / 7P
PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMA3 ROHM-EMA3 Datasheet
1Mb / 10P
Emitter common Dual digital transistor
More results


Similar Description - EMA303D-2

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
21-23 GHz GaAs MMIC Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC442LM1 HITTITE-HMC442LM1 Datasheet
319Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24 GHz
logo
Fairchild Semiconductor
RMWP23001 FAIRCHILD-RMWP23001 Datasheet
296Kb / 9P
21-24 GHz Power Amplifier MMIC
RMWP26001 FAIRCHILD-RMWP26001 Datasheet
385Kb / 8P
24-26.5 GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC258LC3B HITTITE-HMC258LC3B Datasheet
217Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC283 HITTITE-HMC283_08 Datasheet
314Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
logo
Excelics Semiconductor,...
EMA205B EXCELICS-EMA205B Datasheet
198Kb / 4P
9-16 GHz Medium Power MMIC
logo
Hittite Microwave Corpo...
HMC281 HITTITE-HMC281_00 Datasheet
152Kb / 6P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
HMC258LC3B HITTITE-HMC258LC3B_09 Datasheet
195Kb / 6P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14.5 - 19.5 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com