Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-13-DFB2.5-R-SL Datasheet (PDF) - Source Photonics, Inc.

C-13-DFB2.5-R-SL Datasheet PDF - Source Photonics, Inc.
Part # C-13-DFB2.5-R-SL
Download  C-13-DFB2.5-R-SL Download
File Size   732.39 Kbytes
Page   6 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 1310nm 2.5G MQW-DFB Laser Diode Module

C-13-DFB2.5-R-SL Datasheet (PDF)

Go To PDF Page Download Datasheet
C-13-DFB2.5-R-SL Datasheet PDF - Source Photonics, Inc.

Part # C-13-DFB2.5-R-SL
Download  C-13-DFB2.5-R-SL Click to download

File Size   732.39 Kbytes
Page   6 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 1310nm 2.5G MQW-DFB Laser Diode Module

C-13-DFB2.5-R-SL Datasheet (HTML) - Source Photonics, Inc.




Similar Part No. - C-13-DFB2.5-R-SL

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFB2.5-RD-S2 SOURCE-C-13-DFB2.5-RD-S2 Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFC2 SOURCE-C-13-DFB2.5-RD-SFC2 Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCH SOURCE-C-13-DFB2.5-RD-SFCH Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCL SOURCE-C-13-DFB2.5-RD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCM SOURCE-C-13-DFB2.5-RD-SFCM Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
More results


Similar Description - C-13-DFB2.5-R-SL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
Analog 1310 nm MQW-DFB Laser Diode Module
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
Analog 1550 nm MQW-DFB Laser Diode Module
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
1550nm MQW-DFB Laser Diode Module
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
1550nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com