Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C-13-DFB2.5-R-SL Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # C-13-DFB2.5-R-SL
Description  1310nm 2.5G MQW-DFB Laser Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

C-13-DFB2.5-R-SL Datasheet(HTML) 1 Page - Source Photonics, Inc.

  C-13-DFB2.5-R-SL Datasheet HTML 1Page - Source Photonics, Inc. C-13-DFB2.5-R-SL Datasheet HTML 2Page - Source Photonics, Inc. C-13-DFB2.5-R-SL Datasheet HTML 3Page - Source Photonics, Inc. C-13-DFB2.5-R-SL Datasheet HTML 4Page - Source Photonics, Inc. C-13-DFB2.5-R-SL Datasheet HTML 5Page - Source Photonics, Inc. C-13-DFB2.5-R-SL Datasheet HTML 6Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
C-13-DFB2.5-XX-SXXXX/XXX-X-XX
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS893-NOV0305
rev. A.0
LUMINENTOIC.COM
1310nm 2.5G MQW-DFB Laser Diode Module
Features
• Un-cooled laser diode with MQW structure
• High temperature operation without active cooling
• Hermetically sealed active component
• Built-in InGaAs monitor photodiode
• Complies with Telcordia Technologies GR-468-CORE
• Single frequency operation with high SMSR
Pacjaging
• TOSA
• FC/ST/SC receptacle package with 2-hole flange
• Fiber pigtailed with optional FC/ST/SC/MU/LC connector
Application
• Design for 2.5Gbps high speed optics networks
• RoHS Compliant available
Parameter
Symbol
Rating
Unit
Fiber Output Power L/M/H/2
Pf
1(L) / 1.5(M) / 2.5(H) / 3(2)
mW
LD Reverse Voltage
VRLD
2
V
PD Reverse Voltage
VRPD
10
V
PD Forward Current
IFPD
2.0
mA
Operating Temperature
Topr
0 ~+70
ºC
Storage Temperature
Tstg
-40 ~+85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Threshold Current
Ith
-
10
15
mA
CW
Fiber Output Power
L
Pf
0.2
-
0.5
mW
CW,Ith+20mA, kink free
M
0.5
-
1
H
1
1.6
-
2
2
2.5
-
Peak Wavelength
λ
1295
1310
1325
nm
Note 3
Side mode Suppression Ratio
Sr
30
35
-
dB
CW, Pf =Pf (Min),0~70ºC
Forward Voltage
V
F
-
1.2
1.5
V
CW, Pf =Pf (Min)
Rise/Fall Time
t
r / tf
-
-
150
ps
Ibias=Ith,20~80%
Lead length=1mm
Tracking Error
∆P
f /Pf
-1.5
-
1.5
dB
APC, 0~70ºC
PD Monitor Current
I
m
100
-
-
µA
CW, Pf =Pf (Min), VRPD=2V
PD Dark Current
IDARK
-
-
0.1
µA
VRPD=5V
PD Capacitance
C
t
-
6
15
pF
VRPD=5V,f=1MHz
Optical and Electrical Characteristics (Tc=25ºC)
(All optical data refer to a coupled 9/125µm SM fiber)
Note: 1.Pin assignment can be customized.
2.Specifications subject to change without notice.
3.Selected wavelength is available for WDM application.


Similar Part No. - C-13-DFB2.5-R-SL

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
C-13-DFB2.5-RD-S2 SOURCE-C-13-DFB2.5-RD-S2 Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFC2 SOURCE-C-13-DFB2.5-RD-SFC2 Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCH SOURCE-C-13-DFB2.5-RD-SFCH Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCL SOURCE-C-13-DFB2.5-RD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFB2.5-RD-SFCM SOURCE-C-13-DFB2.5-RD-SFCM Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
More results

Similar Description - C-13-DFB2.5-R-SL

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3392L OKI-OL3392L Datasheet
43Kb / 2P
1310nm MQW DFB Laser Diode Uncooled Module with Single Mode Fiber
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
Analog 1310 nm MQW-DFB Laser Diode Module
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
Analog 1550 nm MQW-DFB Laser Diode Module
C-15-DFB2.5-T-SFCL SOURCE-C-15-DFB2.5-T-SFCL Datasheet
742Kb / 6P
1550nm 2.5G MQW-DFB Laser Diode
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
1550nm MQW-DFB Laser Diode Module
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
1550nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8563LA CEL-NX8563LA Datasheet
399Kb / 6P
1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
logo
Finisar Corporation.
DFB-1310-10LR-LCA FINISAR-DFB-1310-10LR-LCA Datasheet
249Kb / 5P
1310nm DFB Laser Diode LC TOSA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com