Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2K471-RJ-10 Datasheet (PDF) - Superworld Electronics

Z2K471-RJ-10 Datasheet PDF - Superworld Electronics
Part # Z2K471-RJ-10
Download  Z2K471-RJ-10 Download
File Size   398.69 Kbytes
Page   9 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description FERRITE CHIP BEADS

Z2K471-RJ-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z2K471-RJ-10 Datasheet PDF - Superworld Electronics

Part # Z2K471-RJ-10
Download  Z2K471-RJ-10 Click to download

File Size   398.69 Kbytes
Page   9 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description FERRITE CHIP BEADS

Z2K471-RJ-10 Datasheet (HTML) - Superworld Electronics


Z2K471-RJ-10 Product details

GENERAL SPECIFICATION :
    a) Operating temp. : -40° C to +125° C ( including self-temperature. rise )
    b) Storage condition (component in its packaging)
        i) Temperature : -10 to 40° C
        ii) Humidity : 60%




Similar Part No. - Z2K471-RJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z2K471-RJ-10 SUPERWORLD-Z2K471-RJ-10 Datasheet
204Kb / 8P
FERRITE CHIP BEADS
More results


Similar Description - Z2K471-RJ-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
Ferrite Chip Beads
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
Chip Ferrite Beads
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
Ferrite Chip Beads
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com