Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2K471-RJ-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # Z2K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z2K471-RJ-10 Datasheet(HTML) 6 Page - Superworld Electronics

  Z2K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
21.05.2008
FERRITE CHIP BEADS
Z2 SERIES
9. SOLDERING AND MOUNTING :
products, wave soldering of large size products is discouraged. Recommended temperature profile for wave soldering
seen by the circuit when immersed in the molten solder wave, typical at 230°C. Due to the risk of thermal damage to
9-2.2 Solder Wave :
Wave soldering is perhaps the most rigorous of surface mount soldering processes due to the steep rise in temperature
9-1. Recommended PC Board Pattern
air soldering tools.
9-2.3 Soldering Iron (Figure 3) :
9-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150°C.
b) 350°C tip temperature (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended.
Note :
9-2. Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 3 secs.
d) 1.0mm tip diameter (max)
under mechanical stress as warping the board.
the mechanical stress to prevent failure.
Products shall be positioned in the sideway direction against
PC board should be designed so that products are not sufficient
2.60
0.60
is shown in Fig. 2
480s max.
60~180s
TP(260°C/10s max.)
Preheating
Figure 1. Re-flow Soldering
150
25
217
200
Within 10s
Time(sec.)
Gradual
Cooling
Over 2min.
(max.)
Soldering
Figure 3. Hand Soldering
Over 1min.
350
150
330
Preheating
Gradual
Cooling
Figure 2. Wave Soldering
3s
cooling
10s
(max.)
Natural
cooling
60~150s
20~40s
Soldering
Natural
cooling
150
245
260
Preheating
Soldering
Natural



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com