Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z2K471-RJ-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # Z2K471-RJ-10
Description  FERRITE CHIP BEADS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z2K471-RJ-10 Datasheet(HTML) 5 Page - Superworld Electronics

  Z2K471-RJ-10 Datasheet HTML 1Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 2Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 3Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 4Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 5Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 6Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 7Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 8Page - Superworld Electronics Z2K471-RJ-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
21.05.2008
FERRITE CHIP BEADS
Z2 SERIES
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85°C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
8. RELIABILITY & TEST CONDITION :
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(¢X
C)
125
85
Operating Temperature(°C)
a. No mechanical damage
b. Impedance change : ±30%
Measured at room temperature after placing for 2 to 3hrs.
Duration : 1008±12hrs
Temperature : -55±2°C
Duration : 1008±12hrs
Duration : 1008±12hrs
Condition for 1 cycle
Step1 : -55±2°C 30±3 min.
For Z Series :
Measured at room temperature after placing for 2 to 3hrs.
Step2 : +125±5°C 30±3 min.
Number of cycles : 5
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Temperature : 125±5°C
Applied Current : rated current
Temperature : 40±2°C
Humidity : 90~95% RH.
b. Impedance change : ±30%
a. No mechanical damage
Series name
A period of 2 hours in each of 3 mutually perpendicular
Directions & times : X, Y, Z directions for 2 hours.
Frequency : 10-55-10Hz for 1 min.
Amplitude : 1.52mm
directions (Total 6 hours).
Low temperature storage test
Drop
Thermal Shock
Drop 10 times on a concrete floor from a
height of 75cm.
Temperature (°C)
Impedance : Within ±30% of initial value.
Appearance : No damage.
Measured : 5 times
1
2
-55±2°C
+125±5°C
Phase
30±3
30±3
Times (min.)
defects harmful to the characteristics should
Temperature
Humidity
Loading at High
Drop
Impedance : Within ±30% of initial value.
Appearance : No damage.
Drop 10 times on a concrete floor from a
height of 75cm.
Impedance : Within ±30%
not be allowed.
Random Vibration Test
Bending Strength
ITEM
Chip
Appearance : Cracking, shipping & any other
A
PERFORMANCE
applied on the right condition.
The ferrite should not be damaged by forces
R0.5(0.02)
1.0(0.039)
Z4
Z8
2.00 (0.079)
2.70 (0.106)
Z5
Z6
Z7
2.5
2.5
TEST CONDITION
0.80 (0.033)
mm (inches)
1.40 (0.055)
Z2
Z3
0.3
P-Kgf
1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com