Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5013 Datasheet (PDF) - Vanlong Technology Co., Ltd.

SF5013 Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SF5013
Download  SF5013 Download
File Size   92.09 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 945.00 MHZ SAW FILTER

SF5013 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5013 Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SF5013
Download  SF5013 Click to download

File Size   92.09 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 945.00 MHZ SAW FILTER

SF5013 Datasheet (HTML) - Vanlong Technology Co., Ltd.


SF5013 Product details

945.00 MHZ SAW FILTER
   
• Designed to EGMS Rx Selectivity in 945.00 MHz
• Low-Loss, High Attenuation
• Simple External Impedance Matching
• Ultra Miniature Ceramic DCC6 SMD Package
• Complies with Directive 2002/95/EC (RoHS Compliant)
   




Similar Part No. - SF5013

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
SUPER FAST RECOVERY RECTIFIER
logo
Jinan Jingheng (Group) ...
SF501 JINANJINGHENG-SF501 Datasheet
89Kb / 2P
SUPER FAST RECTIFIER
logo
Guangdong Juxing Electr...
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
logo
Vanlong Technology Co.,...
SF5010 VANLONG-SF5010 Datasheet
93Kb / 2P
916.50 MHz SAW Filter
SF5011 VANLONG-SF5011 Datasheet
90Kb / 2P
926.25 MHz SAW Filter
More results


Similar Description - SF5013

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com